Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUR2015FCT Datasheet(PDF) 2 Page - Micro Commercial Components

Part # MUR2015FCT
Description  20 Amp Super Fast Glass Passivated Rectifier 100 to 600 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MUR2015FCT Datasheet(HTML) 2 Page - Micro Commercial Components

  MUR2015FCT Datasheet HTML 1Page - Micro Commercial Components MUR2015FCT Datasheet HTML 2Page - Micro Commercial Components MUR2015FCT Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Revision: A
2016/01/01
www.mccsemi.com
2 of 3
■Characteristics(Typical)
Micro Commercial Components
M C C
R
0.4 0.6
0.8
1.0
1.2 1.4
0.1
0.2
0.5
VF(V)
FIG3:Instantaneous Forward Voltage
1.0
10
20
40
60
5.0
Ta=25℃
1.6
1.8 2.0
0.2
0
MUR2010FCT-MUR2020FCT
MUR2040FCT
MUR2060FCT
0
20
40
60
80
100
0.01
0.1
1.0
10
100
VRRM(%)
Tj=125℃
Tj=25℃
FIG4:Typical Reverse Characteristics
VR
D
RL
IF
0
IF
IR
IRR
t
trr
I
FIG.5: Diagram of circuit and Testing wave form of reverse recovery time
1
2
5
10
20
50
100
FIG2:Surge Forward Current Capadility
Number of Cycles
75
100
125
150
175
50
25
8.3ms Single Half Since-Wave
JEDEC Method
0
0
Io(A)
Tc(
℃)
50
100
200
2.0
FIG1: IF
(
 AV)--Tc Derating
150
IN DC
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
TC measure point



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com