Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUR2015FCT Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MUR2015FCT
Description  20 Amp Super Fast Glass Passivated Rectifier 100 to 600 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MUR2015FCT Datasheet(HTML) 1 Page - Micro Commercial Components

  MUR2015FCT Datasheet HTML 1Page - Micro Commercial Components MUR2015FCT Datasheet HTML 2Page - Micro Commercial Components MUR2015FCT Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MUR2010
FCT
THRU
MUR20
60FCT
20 Amp Super Fast
Glass Passivated
Features
Maximum Ratings
•
Operating Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +150°C
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
20 A
TC = 9
0°C
Peak Forward Surge
Current
IFSM
125A
8.3ms, half sine
Maximum Forward
Voltage Drop Per
Element
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10μA
500μA
TA = 25°C
TA = 125°C
Maximum Reverse
Recovery Time
Rectifier
100 to
600 Volts
35ns
Thermal Resistance
2.0°C/W
Rthjc
Trr
IF=0.5A, IR=1.0A,
Irr=0.25A
TA = 25°C
IFM = 10 A
VF
Revision: A
2016/01/01
•
Glass passivated chip
•
High surge forward current capability
www.mccsemi.com
1 of 3
Micro Commercial Components
M C C
R
Micro Commercial Components
20736 Marilla Street Chatsworth
CA 91311
Phone:(818) 701-4933
Fax: (818) 701-4939
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
•
Halogen free available upon request by adding suffix "-HF"
•
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Notes:1.High Temperature Solder Exemption Applied, see EU Directive Annex 7a.
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
MUR
2010FCT
MUR
2010FCT
100V
70V
100V
MUR2015FCT
1
50V
MUR2015FCT
105V
1
50V
MUR2020FCT
200V
MUR2020FCT
140V
200V
MUR2040FCT
600V
420V
600V
400V
MUR
2040FCT
280V
400V
MCC
MUR2010FCT-2020FCT
MUR2040FCT
MUR2060FCT
0.975V
1.3V
1.5V
MUR2010FCT-2020FCT
MUR2040FCT-2060FCT
50ns
PIN 1
PIN 3
PIN 2
A
B
C
K
J
I
H
G
E
D
N
M
L
H

INCHES
MM






A
.583
.642
14.80
16.30
B
---
.406
---
10.30
N
.098
.114
2.50
2.90

O
F
C
.100
.112
2.55
2.85
D
.248
.272
6.30
6.90
E
---
.161
---
4.10
F
---
.071
---
1.80
G
.512
.543
13.00
13.80
H
.100
2.55
I
---
.035
---
0.90
J
---
.032
---
0.80
K
.118
.134
3.00
3.40
L
---
.189
---
4.80
M
---
.130
---
3.30
PIN
3
1
2
O
---
.055
---
1.40
ITO-220AB
MUR2060FCT MUR2060FCT


Similar Part No. - MUR2015FCT

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
MUR2015FCT YANGJIE-MUR2015FCT Datasheet
153Kb / 4P
Ultra-Fast Recovery Rectifier Diodes
logo
Shenzhen Luguang Electr...
MUR2015FCT LUGUANG-MUR2015FCT Datasheet
1Mb / 2P
Super Fast Rectifiers
Revision:20240607-P1
More results

Similar Description - MUR2015FCT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MUR2010CT MCC-MUR2010CT Datasheet
644Kb / 2P
20 Amp Super Fast Glass Passivated Rectifier 100 to 200 Volts
MURH805CT MCC-MURH805CT Datasheet
150Kb / 2P
8 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
MUR1505 MCC-MUR1505 Datasheet
233Kb / 2P
15 AMP SUPER FAST GLASS PASSIVATED RECTIFIER 50 TO 600 VOLTS
MUR1605 MCC-MUR1605 Datasheet
94Kb / 3P
16 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
logo
Kersemi Electronic Co.,...
MUR1610 KERSEMI-MUR1610 Datasheet
816Kb / 2P
16 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
MUR610CT KERSEMI-MUR610CT Datasheet
814Kb / 2P
6 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
MUR1505 KERSEMI-MUR1505 Datasheet
945Kb / 2P
15 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
logo
Micro Commercial Compon...
MUR1005 MCC-MUR1005 Datasheet
316Kb / 3P
10 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
MUR1605F MCC-MUR1605F Datasheet
538Kb / 3P
16 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
MUR2010CT MCC-MUR2010CT_16 Datasheet
453Kb / 3P
20 Amp Super Fast Glass Passivated Rectifier 100 to 600 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com