Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD103AX Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SD103AX
Description  200mW Small Signal Schottky Diode 40 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SD103AX Datasheet(HTML) 1 Page - Micro Commercial Components

  SD103AX_13 Datasheet HTML 1Page - Micro Commercial Components SD103AX_13 Datasheet HTML 2Page - Micro Commercial Components SD103AX_13 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SD103AX
200mW Small Signal
Schottky Diode
40 Volts
Features
•
Guard Ring Construction for Transient Protection
•
Low Forward Voltage Drop
•
Marking : S4
Maximum Ratings
•
Operating Temperature: -65
to +125
•
Storage Temperature: -65
to +125
MCC
Part Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS Voltage
Maximum DC
Blocking
Voltage
SD103AX
40V
28V
40V
Electrical Characteristics @ 25
Unless Otherwise Specified
Average Forward
Current
IF(AV)
350mA
Peak Forward Surge
Current
IFSM
1.0A
t
1.0s
Maximum Power
Dissipation
PD
200mW
Maximum
Instantaneous
Forward Voltage
VF
0.37V
0.60V
IFM = 20mA
IFM = 200mA
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5.0µA
VR = 30V
Typical Junction
Capacitance
Cj
50pF
Measured at
1.0MHz, VR=0V
Typical Reverse
Recovery Time
trr
10ns
IF = IR =50mA
RL=100
SOD-523
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
Revision:
C
20
13/01/01
TM
Micro Commercial Components
www.mccsemi.com
1 of 3
A
B
E
C
H
G
D
F
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.059
.067
1.50
1.70
B
.043
.051
1.10
1.30
C
.030
.033
0.75
0.85
D
.001
.003
0.01
0.07
E
.010
.014
0.25
0.35
F
.003
.003
0.08
0.15
G
.020
.028
0.50
0.70
H
.020
.031
0.51
0.77
•
Lead Free Finish/RoHS Compliant ("P" Suffix
designates RoHS Compliant. See ordering information)
--
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
•
Halogen free available upon request by adding suffix "-HF"


Similar Part No. - SD103AX_13

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SD103AX SECOS-SD103AX_12 Datasheet
167Kb / 2P
40V , 0.35A Schottky Plastic-Encapsulated Diode
logo
Galaxy Semi-Conductor H...
SD103AX BILIN-SD103AX_12 Datasheet
193Kb / 3P
Schottky Barrier Diode
logo
SeCoS Halbleitertechnol...
SD103AX SECOS-SD103AX_15 Datasheet
178Kb / 2P
Schottky Plastic-Encapsulated Diode
logo
Galaxy Semi-Conductor H...
SD103AX BILIN-SD103AX_16 Datasheet
245Kb / 3P
Schottky Barrier Diode
More results

Similar Description - SD103AX_13

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAS85 MCC-BAS85 Datasheet
701Kb / 3P
200mW Small Signal Schottky Barrier Diodes 30 Volts
BAS86 MCC-BAS86 Datasheet
732Kb / 3P
200mW Small Signal Schottky Barrier Diodes 50 Volts
SD103AW MCC-SD103AW Datasheet
172Kb / 3P
400mW Small Signal Schottky Diode 20 to 40 Volts
SD103AWS MCC-SD103AWS Datasheet
173Kb / 3P
400mW Small Signal Schottky Diode 20 to 40 Volts
SD103AX MCC-SD103AX Datasheet
297Kb / 3P
200mW Small Signal Schottky Diode 40 Volts
SD103CW-TP MCC-SD103CW-TP Datasheet
206Kb / 3P
400mW Small Signal Schottky Diode 20 to 40 Volts
SD103AW-TP MCC-SD103AW-TP Datasheet
206Kb / 3P
400mW Small Signal Schottky Diode 20 to 40 Volts
BAS85 MCC-BAS85_12 Datasheet
396Kb / 3P
200mW Small Signal Schottky Barrier Diodes 30 Volts
SD103AW MCC-SD103AW_17 Datasheet
209Kb / 3P
400mW Small Signal Schottky Diode 20 to 40 Volts
SD103AWS MCC-SD103AWS_13 Datasheet
188Kb / 3P
400mW Small Signal Schottky Diode 20 to 40 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com