Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCG075VGLDA-G20 Datasheet(PDF) 21 Page - Kyocera Kinseki Corpotation

Part # TCG075VGLDA-G20
Description  7.5 inch VGA transmissive color TFT with LED backlight
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

TCG075VGLDA-G20 Datasheet(HTML) 21 Page - Kyocera Kinseki Corpotation

Back Button TCG075VGLDA-G20 Datasheet HTML 13Page - Kyocera Kinseki Corpotation TCG075VGLDA-G20 Datasheet HTML 14Page - Kyocera Kinseki Corpotation TCG075VGLDA-G20 Datasheet HTML 15Page - Kyocera Kinseki Corpotation TCG075VGLDA-G20 Datasheet HTML 16Page - Kyocera Kinseki Corpotation TCG075VGLDA-G20 Datasheet HTML 17Page - Kyocera Kinseki Corpotation TCG075VGLDA-G20 Datasheet HTML 18Page - Kyocera Kinseki Corpotation TCG075VGLDA-G20 Datasheet HTML 19Page - Kyocera Kinseki Corpotation TCG075VGLDA-G20 Datasheet HTML 20Page - Kyocera Kinseki Corpotation TCG075VGLDA-G20 Datasheet HTML 21Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
Spec No.
TQ3C-8EAF0-E2DEX32-00
Part No.
TCG075VGLDA-G20
Page
2
2) Standard
Classification
Inspection item
Judgement standard
Bright dot defect
Acceptable number
Bright dot spacing
: 4
: 5 mm or more
Black dot defect
Acceptable number
Bright dot spacing
: 5
: 5 mm or more
Bright dot
defect
Acceptable number
: 2
2 dot join
Black dot
defect
Acceptable number
: 3
3 or more dots join
Acceptable number
: 0
Dot
defect
Total dot defects
Acceptable number
: 5 Max
Defect
(in LCD
glass)
Others
White dot, Dark dot
(Circle)
Size (mm)
Acceptable number
0.2 < d ≦ 0.2
(Neglected)
0.2 < d ≦ 0.4
5
0.4 < d ≦ 0.5
3
0.5 < d ≦ 0.4
0
Polarizer (Scratch)
Width (mm)
Length (mm)
Acceptable number
0.1 < W ≦ 0.1
−
(Neglected)
2.0 < L ≦ 5.0
(Neglected)
0.1 < W ≦ 0.3
5.0 < L ≦ 5.0
0
0.3 < W ≦ 0.3
−
0
Polarizer (Bubble)
Size (mm)
Acceptable number
0.2 < d ≦ 0.2
(Neglected)
0.2 < d ≦ 0.3
5
0.3 < d ≦ 0.5
3
0.5 < d ≦ 0.4
0
Foreign particle
(Circular shape)
Size (mm)
Acceptable number
0.2 < d ≦ 0.2
(Neglected)
0.2 < d ≦ 0.4
5
0.4 < d ≦ 0.5
3
0.5 < d ≦0.4
0
External inspection
(Defect on
Polarizer or
between Polarizer
and LCD glass)
Foreign particle
(Linear shape)
Scratch
Width (mm)
Length (mm)
Acceptable number
0.00 < W ≦ 0.03
−
(Neglected)
2.0 < L ≦ 2.0
(Neglected)
2.0 < L ≦ 4.0
3
0.03 < W ≦ 0.10
4.0 < L ≦ 5.0
0
0.1 < W
≦0.3
−
(According to
circular shape)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com