Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCG075VGLDA-G20 Datasheet(PDF) 13 Page - Kyocera Kinseki Corpotation

Part # TCG075VGLDA-G20
Description  7.5 inch VGA transmissive color TFT with LED backlight
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

TCG075VGLDA-G20 Datasheet(HTML) 13 Page - Kyocera Kinseki Corpotation

Back Button TCG075VGLDA-G20 Datasheet HTML 9Page - Kyocera Kinseki Corpotation TCG075VGLDA-G20 Datasheet HTML 10Page - Kyocera Kinseki Corpotation TCG075VGLDA-G20 Datasheet HTML 11Page - Kyocera Kinseki Corpotation TCG075VGLDA-G20 Datasheet HTML 12Page - Kyocera Kinseki Corpotation TCG075VGLDA-G20 Datasheet HTML 13Page - Kyocera Kinseki Corpotation TCG075VGLDA-G20 Datasheet HTML 14Page - Kyocera Kinseki Corpotation TCG075VGLDA-G20 Datasheet HTML 15Page - Kyocera Kinseki Corpotation TCG075VGLDA-G20 Datasheet HTML 16Page - Kyocera Kinseki Corpotation TCG075VGLDA-G20 Datasheet HTML 17Page - Kyocera Kinseki Corpotation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Spec No.
TQ3C-8EAF0-E1DEX32-00
Part No.
TCG075VGLDA-G20
Page
10
M628090
9. Backlight characteristics
Item
Symbol
Min.
Typ.
Max.
Unit
Note
Supply voltage
VINB
3.0
−
5.5
V
Ta=-20∼70°C
ON-OFF (H)
0.8VINB
-
VINB
V
Ta=-20∼70°C
ON-OFF (L)
BLEN
0
-
0.2VINB
V
Ta=-20∼70°C
14
15
16
VBRT=0∼1.4V
LED forward current
1), 2)
IF
2.8
3.0
3.2
mA
VBRT=2.8V
-
510
660
mA
VINB=3.3V, IF=15mA
Supply current
IINB
-
330
430
mA
VINB=5.0V, IF=15mA
Operating life time
3), 4)
T
-
40,000
-
h
IF=15mA, Ta=25℃
1) For each “LED”
2) An input current below 5.0mA may reduce the brightness uniformity of the LED backlight.
This is because the amount of light from each LED chip is different. Therefore, please
evaluate carefully before finalizing the input current.
3) When brightness Minimum 50% of initial brightness.
The average life of a LED will decrease when the LCD is operating at higher temperatures.
4) Life time is estimated data. (Condition : IF=15mA, Ta=25℃ in chamber)
5) When you start-up, please charge in sequence of VINB->BLEN, or VBRT.
When you shut-down, please stop in sequence of BLEN and/or VBRT->VINB.
6) Please do not connect the other than our backlight to this output connector on the PCB.
7) In case VDD and VINB are supplied by a single power source, VDD & VINB, and GND are connected
directly and separately from the output on the power source. If the common wire are used for
VDD & VINB, and for GND, and are split near the PCB, and connect to each LCD driving circuit
and backlight driving circuit, a flicker might be occurred due to a ripple between the both
circuit.
Right
Wrong
Output terminal
Power supply
(Customer side)
LCD
PCB
VINB
GNDB
VDD
GND
Output terminal
Power supply
(Customer side)
LCD
PCB
VINB
GNDB
VDD
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com