Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP10.481 Datasheet(PDF) 17 Page - PULS GmbH

Part # CP10.481
Description  48V, 5.4A, 260W, SINGLE PHASE INPUT
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CP10.481 Datasheet(HTML) 17 Page - PULS GmbH

Back Button CP10.481 Datasheet HTML 13Page - PULS GmbH CP10.481 Datasheet HTML 14Page - PULS GmbH CP10.481 Datasheet HTML 15Page - PULS GmbH CP10.481 Datasheet HTML 16Page - PULS GmbH CP10.481 Datasheet HTML 17Page - PULS GmbH CP10.481 Datasheet HTML 18Page - PULS GmbH CP10.481 Datasheet HTML 19Page - PULS GmbH CP10.481 Datasheet HTML 20Page - PULS GmbH CP10.481 Datasheet HTML 21Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
CP10.481
CP-Series
48V, 5.4A, 260W, SINGLE PHASE INPUT
17. PROTECTION FEATURES
Output protection
Electronically protected against overload, no-load and short-circuits. In case of a
protection event, audible noise may occur.
Output over-voltage protection
Typ. 58.5Vdc
Max. 60Vdc
In case of an internal power supply defect, a redundant
circuit limits the maximum output voltage. The output
shuts down and automatically attempts to restart.
Degree of protection
IP 20
EN/IEC 60529
Penetration protection
> 4mm
E.g. screws, small parts
Over-temperature protection
Yes
Output shut-down with automatic restart.
The temperature sensor is installed on critical
components inside the unit and turns the unit off in
safety critical situations (e.g. de-rating requirements
not observed, high ambient temperature, ventilation
obstructed or the mounting orientation de-rating is not
followed). There is no correlation between the
operating temperature and turn-off temperature since
this is dependent on input voltage, load and
installation methods.
Input transient protection
MOV
(Metal Oxide Varistor)
For protection values see chapter 15 (EMC).
Internal input fuse
Included
Not user replaceable slow-blow high-braking capacity
fuse
18. SAFETY FEATURES
Input / output separation
Double or reinforced galvanic isolation
SELV
IEC/EN 60950-1
PELV
IEC/EN 60204-1, EN 62477-1, IEC 60364-4-41
Class of protection
I
PE (Protective Earth) connection required
Isolation resistance
> 500MOhm
At delivered condition between input and output,
measured with 500Vdc
> 500MOhm
At delivered condition between input and PE,
measured with 500Vdc
> 500MOhm
At delivered condition between output and PE,
measured with 500Vdc
> 500MOhm
At delivered condition between output and DC-OK
contacts, measured with 500Vdc
PE resistance
< 0.1Ohm
Resistance between PE terminal and the housing in the
area of the DIN-rail mounting bracket.
Touch current (leakage current)
Typ. 0.14mA / 0.36mA
At 100Vac, 50Hz, TN-,TT-mains / IT-mains
Typ. 0.20mA / 0.50mA
At 120Vac, 60Hz, TN-,TT-mains / IT-mains
Typ. 0.33mA / 0.86mA
At 230Vac, 50Hz, TN-,TT-mains / IT-mains
Max. 0.18mA / 0.43mA
At 110Vac, 50Hz, TN-,TT-mains / IT-mains
Max. 0.26mA / 0.61mA
At 132Vac, 60Hz, TN-,TT-mains / IT-mains
Max. 0.44mA / 1.05mA
At 264Vac, 50Hz, TN-,TT-mains / IT-mains
Aug. 2017 / Rev. 1.2 DS-CP10.481-EN
All parameters are specified at 48V, 5.4A, 230Vac, 50Hz, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
17/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com