Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP10.481 Datasheet(PDF) 21 Page - PULS GmbH

Part # CP10.481
Description  48V, 5.4A, 260W, SINGLE PHASE INPUT
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CP10.481 Datasheet(HTML) 21 Page - PULS GmbH

Back Button CP10.481 Datasheet HTML 17Page - PULS GmbH CP10.481 Datasheet HTML 18Page - PULS GmbH CP10.481 Datasheet HTML 19Page - PULS GmbH CP10.481 Datasheet HTML 20Page - PULS GmbH CP10.481 Datasheet HTML 21Page - PULS GmbH CP10.481 Datasheet HTML 22Page - PULS GmbH CP10.481 Datasheet HTML 23Page - PULS GmbH CP10.481 Datasheet HTML 24Page - PULS GmbH CP10.481 Datasheet HTML 25Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
CP10.481
CP-Series
48V, 5.4A, 260W, SINGLE PHASE INPUT
23. ACCESSORIES
23.1. ZM4.WALL – WALL/PANEL MOUNT BRACKET
This bracket is used to mount the devices on a wall/panel without utilizing a DIN-Rail. The bracket can be mounted
without detaching the DIN-rail brackets.
Fig. 23-1 Isometric view
Fig. 23-2 Isometric view
Fig. 23-3 Isometric view
Fig. 23-4 Wall/panel mounting,
front view
Fig. 23-5 Hole pattern for wall
mounting
Fig. 23-6 Wall/panel mounting,
side view
Aug. 2017 / Rev. 1.2 DS-CP10.481-EN
All parameters are specified at 48V, 5.4A, 230Vac, 50Hz, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
21/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com