Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP20.241-R1 Datasheet(PDF) 12 Page - PULS GmbH

Part # CP20.241-R1
Description  24V, 20A, 480W, SINGLE PHASE
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CP20.241-R1 Datasheet(HTML) 12 Page - PULS GmbH

Back Button CP20.241-R1_18 Datasheet HTML 8Page - PULS GmbH CP20.241-R1_18 Datasheet HTML 9Page - PULS GmbH CP20.241-R1_18 Datasheet HTML 10Page - PULS GmbH CP20.241-R1_18 Datasheet HTML 11Page - PULS GmbH CP20.241-R1_18 Datasheet HTML 12Page - PULS GmbH CP20.241-R1_18 Datasheet HTML 13Page - PULS GmbH CP20.241-R1_18 Datasheet HTML 14Page - PULS GmbH CP20.241-R1_18 Datasheet HTML 15Page - PULS GmbH CP20.241-R1_18 Datasheet HTML 16Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
CP20.241-R1, CP20.241-R2, CP20.241-R3,
CP20.242-R2, CP20.242-R2-C1
CP-Series
24V, 20A, 480W, SINGLE PHASE
Jan. 2018 / Rev. 0.2 DS-CP20.241-R2-EN - All parameters are typical values specified at 230Vac, 50Hz input voltage, 24V, 20A output
load, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
12/33
P R E L I M I N A R Y
9. EFFICIENCY AND POWER LOSSES
AC 100V
AC 120V
AC 230V
Efficiency
Typ.
93.2%
93.8%
95.2%
At 20A
Typ.
93.1%
93.7%
95.1%
At 24A (Power Boost)
Average efficiency*)
Typ.
92.8%
93.4%
94.6%
25% at 5A, 25% at 10A,
25% at 15A. 25% at 20A
Power losses
Typ.
3.9W
3.5W
3.3W
At 0A
Typ.
17.4W
16.4W
13.8W
At 10A
Typ.
35.0W
31.7W
24.2W
At 20A
Typ.
42.7W
38.7W
29.7W
At 24A (Power Boost)
*)
The average efficiency is an assumption for a typical application where the power supply is loaded with 25% of the nominal load for 25%
of the time, 50% of the nominal load for another 25% of the time, 75% of the nominal load for another 25% of the time and with 100%
of the nominal load for the rest of the time.
Fig. 9-1 Efficiency vs. output current, typ
Fig. 9-2 Losses vs. output current, typ.
Efficiency
4
6
8 101214
1820
24A
87
88
90
91
92
93
94
95
96%
Output Current
16
22
(a)
(b)
(c)
(a) 100Vac
(b) 120Vac
(c) 230Vac
Power Losses
0 2
6 8
12 14
24A
5
10
20
30
0
40W
18 20
4
10
16
Output Current
(a)
(b)
(c)
(a) 100Vac
(b) 120Vac
(c) 230Vac
35
25
15
22
Fig. 9-3 Efficiency vs. input voltage at 20A,
typ.
Fig. 9-4 Losses vs. input voltage at 20A, typ.
Efficiency
Power Losses
120
180
230
264Vac
90
91
92
93
Input Voltage
94
95
96%
120
180
230
264Vac
10
15
20
25
Input Voltage
30
35
40W
100
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com