Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP20.241-R1 Datasheet(PDF) 21 Page - PULS GmbH

Part # CP20.241-R1
Description  24V, 20A, 480W, SINGLE PHASE
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CP20.241-R1 Datasheet(HTML) 21 Page - PULS GmbH

Back Button CP20.241-R1_18 Datasheet HTML 17Page - PULS GmbH CP20.241-R1_18 Datasheet HTML 18Page - PULS GmbH CP20.241-R1_18 Datasheet HTML 19Page - PULS GmbH CP20.241-R1_18 Datasheet HTML 20Page - PULS GmbH CP20.241-R1_18 Datasheet HTML 21Page - PULS GmbH CP20.241-R1_18 Datasheet HTML 22Page - PULS GmbH CP20.241-R1_18 Datasheet HTML 23Page - PULS GmbH CP20.241-R1_18 Datasheet HTML 24Page - PULS GmbH CP20.241-R1_18 Datasheet HTML 25Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
CP20.241-R1, CP20.241-R2, CP20.241-R3,
CP20.242-R2, CP20.242-R2-C1
CP-Series
24V, 20A, 480W, SINGLE PHASE
Jan. 2018 / Rev. 0.2 DS-CP20.241-R2-EN - All parameters are typical values specified at 230Vac, 50Hz input voltage, 24V, 20A output
load, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
21/33
P R E L I M I N A R Y
18. SAFETY AND PROTECTION FEATURES
Isolation resistance
Min.
500MOhm
At delivered condition between input and output,
measured with 500Vdc
Min.
500MOhm
At delivered condition between input and PE,
measured with 500Vdc
Min.
500MOhm
At delivered condition between output and PE,
measured with 500Vdc
Min.
500MOhm
At delivered condition between output and DC-OK
contacts, measured with 500Vdc
PE resistance
Max.
0.1Ohm
Resistance between PE terminal and the housing in
the area of the DIN-rail mounting bracket.
Output over-voltage protection
Typ.
30.5Vdc
Max.
32Vdc
In case of an internal defect, a redundant circuit limits the maximum
output voltage. The output shuts down and automatically attempts to
restart.
Class of protection
I
According to IEC 61140
A PE (Protective Earth) connection is required
Degree of protection
IP 20
According to EN/IEC 60529
Over-temperature protection
Included
Output shut-down with automatic restart.
Temperature sensors are installed on critical
components inside the unit and turn the unit off in
safety critical situations, which can happen e.g.
when ambient temperature is too high, ventilation
is obstructed or the de-rating requirements are not
followed. There is no correlation between the
operating temperature and turn-off temperature
since this is dependent on input voltage, load and
installation methods.
Input transient protection
MOV (Metal
Oxide Varistor)
For protection values see chapter 16 (EMC).
Internal input fuse
Included
Not user replaceable slow-blow high-braking
capacity fuse
Touch current (leakage current)
Typ.
0.12mA / 0.31mA
At 100Vac, 50Hz, TN-,TT-mains / IT-mains
Typ.
0.18mA / 0.45mA
At 120Vac, 60Hz, TN-,TT-mains / IT-mains
Typ.
0.30mA / 0.76mA
At 230Vac, 50Hz, TN-,TT-mains / IT-mains
Max.
0.16mA / 0.38mA
At 110Vac, 50Hz, TN-,TT-mains / IT-mains
Max.
0.23mA / 0.55mA
At 132Vac, 60Hz, TN-,TT-mains / IT-mains
Max.
0.39mA / 0.94mA
At 264Vac, 50Hz, TN-,TT-mains / IT-mains
Penetration protection
Max.
5mm in diameter
E.g. screws, small parts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com