Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTS-5824SW Datasheet(PDF) 7 Page - Lite-On Technology Corporation

Part # LTS-5824SW
Description  LED Display
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTS-5824SW Datasheet(HTML) 7 Page - Lite-On Technology Corporation

Back Button LTS-5824SW Datasheet HTML 2Page - Lite-On Technology Corporation LTS-5824SW Datasheet HTML 3Page - Lite-On Technology Corporation LTS-5824SW Datasheet HTML 4Page - Lite-On Technology Corporation LTS-5824SW Datasheet HTML 5Page - Lite-On Technology Corporation LTS-5824SW Datasheet HTML 6Page - Lite-On Technology Corporation LTS-5824SW Datasheet HTML 7Page - Lite-On Technology Corporation LTS-5824SW Datasheet HTML 8Page - Lite-On Technology Corporation LTS-5824SW Datasheet HTML 9Page - Lite-On Technology Corporation LTS-5824SW Datasheet HTML 10Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of LITE-ON Only
PART NO.: LTS-5824SW
PAGE:
6 of 9
BNS-OD-C131/A4
CHIP LED ABSOLUTE MAXIMUM RATING
PARAMETER
MAXIMUM RATING
UNIT
Power Dissipation Per Segment
35
mW
Peak Forward Current Per Segment
(1/8 Duty Cycle, 0.25ms Pulse Width, 65°C)
50
mA
Continuous Forward Current Per Segment
Forward Current Derating from 25°C
10
0.22
mA
mA/°C
Operating Temperature Range
-20°C to +80°C
Storage Temperature Range
-40°C to +85°C
CHIP LED ELECTRICAL / OPTICAL CHARACTERISTICS AT Ta=25
oC
PARAMETER
SYMBOL MIN. TYP. MAX. UNIT TEST CONDITION
Average Luminous Intensity
IV
71
280
mcd
IF = 5mA
Note 1, 2, 5
Viewing Angle
2θ1/2
130
deg
Fig.6
Chromaticity Coordinates
x
0.339
IF = 5mA
Note 3, 5
Fig.1
y
0.3495
Forward Voltage Per Segment
VF
2.70
3.2
V
IF = 5mA
Reverse Current Per Segment
(6)
IR
10
A
VR=5V
Luminous Intensity Matching Ratio
(Similar Light Area)
IV-m
2:1
IF=5mA
Note :
1. Luminous intensity is measured with a light sensor and filter combination that approximates the
CIE eye-response curve.
2. The chromaticity coordinates (x, y) is derived from the 1931 CIE chromaticity diagram.
3. Caution in ESD:
Static Electricity and surge damages the LED. It is recommend to use a wrist band or
anti-electrostatic glove when handling the LED. All devices, equipment and machinery must be
properly grounded.
4. Tester: CAS140B is for the chromaticity coordinates (x, y) and Iv.
5. The chromaticity coordinates (x, y) guarantee should be added ± 0.01 tolerance.
6. Reverse voltage is only for IR test. It can not continue to operate at this situation.
7. Cross talk specification ≦ 2.5%



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com