Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTS-5824SW Datasheet(PDF) 9 Page - Lite-On Technology Corporation

Part # LTS-5824SW
Description  LED Display
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTS-5824SW Datasheet(HTML) 9 Page - Lite-On Technology Corporation

Back Button LTS-5824SW Datasheet HTML 2Page - Lite-On Technology Corporation LTS-5824SW Datasheet HTML 3Page - Lite-On Technology Corporation LTS-5824SW Datasheet HTML 4Page - Lite-On Technology Corporation LTS-5824SW Datasheet HTML 5Page - Lite-On Technology Corporation LTS-5824SW Datasheet HTML 6Page - Lite-On Technology Corporation LTS-5824SW Datasheet HTML 7Page - Lite-On Technology Corporation LTS-5824SW Datasheet HTML 8Page - Lite-On Technology Corporation LTS-5824SW Datasheet HTML 9Page - Lite-On Technology Corporation LTS-5824SW Datasheet HTML 10Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of LITE-ON Only
PART NO.: LTS-5824SW
PAGE:
8 of 9
BNS-OD-C131/A4
Bin Code List
VF Spec. Table
VF Bin
Forward Voltage
(V) at IF = 5mA
Min.
Max.
V1
2.55
2.65
V2
2.65
2.75
V3
2.75
2.85
V4
2.85
2.95
V5
2.95
3.05
V6
3.05
3.15
Tolerance on each Forward Voltage bin is +/-0.1 volt
IV Spec. Table
IV Bin
Luminous Intensity (mcd) at IF = 5mA
Min.
Max.
Q
71.0
112.0
R
1120
180.0
E
180.0
280.0
Tolerance on each Luminous Intensity bin is +/- 15%.
Hue Spec. Table
Hue Bin
Color bin limits at IF = 5mA
CIE 1931Chromaticity coordinates
S7-1
x
0.324
0.324
0.334
0.334
y
0.329
0.296
0.311
0.343
S7-2
x
0.324
0.324
0.334
0.334
y
0.361
0.329
0.343
0.376
S8-1
x
0.334
0.334
0.344
0.344
y
0.311
0.343
0.3573
0.324
S8-2
x
0.334
0.334
0.344
0.344
y
0.343
0.376
0.389
0.3573
S9-1
x
0.344
0.344
0.354
0.354
y
0.324
0.3573
0.372
0.338
S9-2
x
0.344
0.344
0.354
0.354
y
0.3573
0.389
0.403
0.372
Tolerance on each Hue (x, y) bin is +/- 0.01.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com