Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB2000ERW Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MB2000ERW
Description  Low Cost, 1 x 2 Inch 20W, 2:1 Input Range DC/DC Con vert ers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MB2000ERW Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MB2000ERW Datasheet HTML 1Page - MicroPower Direct, LLC MB2000ERW Datasheet HTML 2Page - MicroPower Direct, LLC MB2000ERW Datasheet HTML 3Page - MicroPower Direct, LLC MB2000ERW Datasheet HTML 4Page - MicroPower Direct, LLC MB2000ERW Datasheet HTML 5Page - MicroPower Direct, LLC MB2000ERW Datasheet HTML 6Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.micropowerdirect.com
MicroPower Direct • 292 Page Street Ste D Stoughton, MA 02072 • TEL: (781) 344-8226 • FAX: (781) 344-8481 • E-Mail: sales@micropowerdirect.com
Model Selection Guide
www.micropowerdirect.com
www.micropowerdirect.com
Notes:
1. The specified maximum capacitive load is for each output.
2. Start up time is measured at nominal input and with a constant resistive load.
3. For ±5 and ±9 VOUT models, the output accuracy is specified as ±5%.
4. Cross regulation is measured with the main output set at 50% load. The second output is varied from
10% to 100% load.
5. When measuring output ripple, it is recommended that an external ceramic capacitor (approx 10 µF)
be placed from the +VOUT to the -VOUT pins.
6. Transient recovery is measured to within a 1% error band for a load step change of 25%.
7. Short circuit protection is provided by a “hiccup mode” circuit.
8. The control input (pin 6) is referenced to the -VIN (pin 2) input. If it is grounded, the unit will shut off.
9. Operation at no-load will not damage the unit, but they may not meet all specifications.
10. These units should not be operated over +85°C. Exceeding +85°C may damage the unit.
11. It is recommended that a fuse be used on the input of a power supply for protection. See the Model
Selection table above for the correct rating.
Model
Number
Input
Output
Efficiency
(%, Typ)
Capacitive
Load
(µF, Max)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
MB2024S-03ERW
24
18.0 - 36.0
799
40
3.3
5,000
0.0
86
10,000
2,000
MB2024S-05ERW
24
18.0 - 36.0
969
40
5.0
4,000
0.0
90
10,000
2,000
MB2024S-09ERW
24
18.0 - 36.0
947
6
9.0
2,222
0.0
89
4,700
2,000
MB2024S-12ERW
24
18.0 - 36.0
947
6
12.0
1,667
0.0
89
1,600
2,000
MB2024S-15ERW
24
18.0 - 36.0
947
6
15.0
1,333
0.0
90
1,000
2,000
MB2024S-24ERW
24
18.0 - 36.0
947
6
24.0
834
0.0
90
500
2,000
MB2024D-05ERW
24
18.0 - 36.0
969
40
±5.0
±2,000
±0.0
86
4,800
2,000
MB2024D-09ERW
24
18.0 - 36.0
947
6
±9.0
±1,111
±0.0
88
1,000
2,000
MB2024D-12ERW
24
18.0 - 36.0
947
6
±12.0
±834
±0.0
88
800
2,000
MB2024D-15ERW
24
18.0 - 36.0
947
6
±15.0
±667
±0.0
88
625
2,000
MB2048S-03ERW
48
36.0 - 75.0
400
25
3.3
5,000
0.0
86
10,000
1,000
MB2048S-05ERW
48
36.0 - 75.0
485
25
5.0
4,000
0.0
90
10,000
1,000
MB2048S-09ERW
48
36.0 - 75.0
474
9
9.0
2,222
0.0
89
4,700
1,000
MB2048S-12ERW
48
36.0 - 75.0
474
9
12.0
1,667
0.0
89
1,600
1,000
MB2048S-15ERW
48
36.0 - 75.0
474
9
15.0
1,333
0.0
90
1,000
1,000
MB2048S-24ERW
48
36.0 - 75.0
474
9
24.0
834
0.0
90
500
1,000
MB2048D-05ERW
48
36.0 - 75.0
485
25
±5.0
±2,000
±0.0
86
4,800
1,000
MB2048D-12ERW
48
36.0 - 75.0
474
9
±12.0
±834
±0.0
88
800
1,000
MB2048D-15ERW
48
36.0 - 75.0
474
9
±15.0
±667
±0.0
89
625
1,000
Derating Curve
External Trim
External Trim Notes:
On single output units, an external resistor can be used to adjust the converter
output up/down by about 10%. The connection is shown in the diagram at left. The
required resistor value is calculated by the formulas:
Where RTRIM = The value of the external trim resistor
VTRIM = The amount of voltage adjustment required
The value of R1, R2, R3 and VREF are given in the table below.
Trim Down = RTRIM =
R1 - A
A
$ R1 -R
3
Where A =
VREF
VTRIM - VREF $R
2
Trim UP = RTRIM =
R2 - A
A
$ R2 -R
3
Where A =
VTRIM - VREF
VREF
$ R1
Parameter
Output Voltage (VDC)
3.3
5.0
9.0
12
15
24
R1 (k )
4.801
2.883
7.500
11.000
14.494
24.872
R2 (k )
2.870
2.870
2.870
2.870
2.870
2.870
R3 (k )
12.40
10.00
15.00
15.00
15.00
17.80
VREF (V)
1.24
2.50
2.50
2.50
2.50
2.50
If not used, the Trim pin (pin 4) should be left open. Please contact the factory for more information.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com