Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB2000ERW Datasheet(PDF) 3 Page - MicroPower Direct, LLC

Part # MB2000ERW
Description  Low Cost, 1 x 2 Inch 20W, 2:1 Input Range DC/DC Con vert ers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MB2000ERW Datasheet(HTML) 3 Page - MicroPower Direct, LLC

  MB2000ERW Datasheet HTML 1Page - MicroPower Direct, LLC MB2000ERW Datasheet HTML 2Page - MicroPower Direct, LLC MB2000ERW Datasheet HTML 3Page - MicroPower Direct, LLC MB2000ERW Datasheet HTML 4Page - MicroPower Direct, LLC MB2000ERW Datasheet HTML 5Page - MicroPower Direct, LLC MB2000ERW Datasheet HTML 6Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.micropowerdirect.com
MicroPower Direct • 292 Page Street Ste D Stoughton, MA 02072 • TEL: (781) 344-8226 • FAX: (781) 344-8481 • E-Mail: sales@micropowerdirect.com
MicroPower Direct • 292 Page Street Ste D Stoughton, MA 02072 • TEL: (781) 344-8226 • FAX: (781) 344-8481 • E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
www.micropowerdirect.com
EMC Specifications
Parameter
Standard
Radiated Emissions
See Note 1
EN 55022
Class A
Conducted Emissions
See Note 1
EN 55022
Class A
ESD
EN 61000-4-2
Criteria B; ±4 kV Contact
RS
EN 61000-4-3
Criteria A; 10V/m
EFT
See Note 2
EN 61000-4-4
Criteria B; ±2 kV
Surge
See Note 3
EN 61000-4-5
Criteria B; ±2 kV
CS
EN 61000-4-6
Criteria A; 3 Vrms
Voltage Dips
EN 61000-4-29
Criteria B; 0% - 70%
Typical Connection
The diagram above illustrates a typical connection of the MB2000ERW
series for applications that require meeting EMC standards. The units do not
require external components to operate as specified. Some notes on this
diagram (starting with the input circuit) are:
1. It is recommended that an external fuse be used.The recommended fuse
is shown in the model chart on page 2.
2. An external MOV is recommended on the input to protect the unit in the
event of a surge. A recommended value is given in the table at right.
3. The output filtering capacitor (C3) is a high frequency, low resistance
electrolytic capacitor. Care must be taken in choosing this capacitor not
to exceed the capacitive load specification for the unit. The board layout
illustration below shows a connection for dual output units.Voltage derating
of capacitors should be 80% or above.
Notes:
1. All units are rated for EN 55022 (CE/RE) class A without external components.
They will meet class B with the addition of the MDCFM-xxW (or a similar discrete
filter circuit). Contact the factory for more information.
2. To meet the requirements of EN 61000-4-4 (±2 kV), external components are
needed.This can be done discretely, or with the addition of the MDCFM-xxW.
Contact the factory for more information.
3. To meet the requirements of EN 61000-4-5 (±2 kV line to line), external
components are needed.This can be done discretely, or with the addition of the
MDCFM-xxW. Contact the factory for more information.
4. Recommended values for components are:
Component
24 VIN
48 VIN
MOV
S20K30
S14K60
C1
330 µF/50V
330 µF/100V
C2
1.0 µF/50V
1.0 µF/100V
L1
4.7 µH
4.7 µH
CY1, CY2
1,000 pF/2 kV
1,000 pF/2 kV
5. Input noise and surge suppression modules are available for a
number of MPD DC/DC power supplies.For pricing or full techni-
cal information on these modules please contact the factory.
6. In many applications simply
adding input/output capaci-
tors will enhance the input
surge protection and reduce
output ripple sufficiently. The
input capacitor C1 and output
capacitor C3 shown in the
typical connection diagram
above illustrate their connec-
tion. Recommended capacitor
values are given in the table
at right.
Vin
(VDC)
Input
Capacitor
Vout
(VDC)
Output
Capacitor
24
100 µF
3.3
470 µF
5.0
470 µF
48
100 µF
9.0
220 µF
12
220 µF
15
220 µF
24
100 µF
±5
±220 µF
±9
±100 µF
±12
±100 µF
±15
±100 µF
Efficiency vs Input Voltage: (FL, 24 VIN)
Efficiency vs Output Load: (24 VIN)
Efficiency vs Input Voltage: (FL, 48 VIN)
Efficiency vs Output Load: (48 VIN)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com