Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA2029-R Datasheet(PDF) 2 Page - Micro Commercial Components

Part # 2SA2029-R
Description  PNPGeneral Purpose Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2SA2029-R Datasheet(HTML) 2 Page - Micro Commercial Components

  2SA2029-R Datasheet HTML 1Page - Micro Commercial Components 2SA2029-R Datasheet HTML 2Page - Micro Commercial Components 2SA2029-R Datasheet HTML 3Page - Micro Commercial Components 2SA2029-R Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Revision: A
2016/02/18
2S
A2029
www.mccsemi.com
2 of
4
Micro Commercial Components
M C C
R
-0.1
-0.0
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-1
-10
-150
-100
-1
-10
-100
1
10
100
1000
-100
-0.1
-1
-10
-100
-1000
-10
-0.1
-1
-10
-100
-100
-1000
-0.1
-1
-10
-100
10
100
1000
-0
-10
-0
-2
-4
-6
-8
I
C
——
V
BE
BASE-EMMITER VOLTAGE V
BE (V)
COMMON EMITTER
V
CE=-6V
-0.5
f
T
——
I
C
COLLECTOR CURRENT I
C
(mA)
V
CE= -12V
T
a=25
℃
-3000
-150
β=10
T
a=25
℃
T
a=100
℃
COLLECTOR CURRENT I
C
(mA)
I
C
V
BEsat
——
-150
V
CEsat
——
I
C
COLLECTOR CURRENT I
C
(mA)
β=10
T
a=25
℃
T
a=100
℃
COMMON
EMITTER
T
a=25
℃
-150
T
a=100
℃
T
a=25
℃
I
C
COLLECTOR CURRENT I
C
(mA)
COMMON EMITTER
V
CE=-6V
h
FE
——
-30uA
-27uA
-24uA
-21uA
-18uA
-15uA
-12uA
-9uA
-6uA
I
B=-3uA
Static Characteristic
-2
-4
-6
-8
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
Typical Characteristics



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com