Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA2029-R Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 2SA2029-R
Description  PNPGeneral Purpose Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2SA2029-R Datasheet(HTML) 1 Page - Micro Commercial Components

  2SA2029-R Datasheet HTML 1Page - Micro Commercial Components 2SA2029-R Datasheet HTML 2Page - Micro Commercial Components 2SA2029-R Datasheet HTML 3Page - Micro Commercial Components 2SA2029-R Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PNP
General Purpose
Transistors
Features
•
Complement to 2S
C5658
Maximum Ratings @ 25OC Unless Otherwise Specified
Symbol
Rating
Rating
Unit
VCEO
Collector-Emitter Voltage
-50
V
VCBO
Collector-Base Voltage
-60
V
VEBO
Emitter-Base Voltage
-7
V
IC
Collector Current-Continuous
-150
mA
PC
Collector Dissipation
1
50
mW
TJ
Operating Junction Temperature
-55 to +150
TSTG
Storage Temperature
-55 to +150
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol
Parameter
Min
Typ
Max
Units
V(BR)CEO
Collector-Emitter Breakdown Voltage
(IC=
-1mAdc, I
B=0)
-50
---
---
Vdc
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=
-50µAdc, I
E=0)
-60
---
---
Vdc
V(BR)EBO
Collector-Emitter Breakdown Voltage
(IE=
-50µAdc, I
C=0)
-7
---
---
Vdc
ICBO
Collector Cutoff Current
(VCB=
-60Vdc, I
E=0Vdc)
---
---
-0.1
­Adc
IEBO
Emitter Cutoff Current
(VEB=
-6Vdc, I
C=0Vdc)
---
---
-0.1
­Adc
hFE
DC Current Gain
(IC=
-1mAdc, V
CE=
-6Vdc)
120
---
560
---
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=
-50mAdc, I
B=
-5mAdc)
---
---
-0.5
Vdc
fT
Transition Frequency
(VCE=
-12Vdc, I
C=2mAdc, f=100MHz)
---
1
40
---
MHz
Cob
Output Capacitance
(VCB=
-12Vdc, f=1.0MHz, I
E=0)
---
---
5.0
pF
Classification OF hFE
Rank
Q
R
S
Range
120-270
180-390
270-560
Marking
FQ
FR
FS
SOT-
723
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
Revision: A
2016/02/18
www.mccsemi.com
1 of
4
2S
A2029-Q
2S
A2029-R
2S
A2029-S
•
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisure Sensitivity Level 1
Halogen free available upon request by adding suffix "-HF"
•
A
C B
D
G
J
E
F
1
2
3
H
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
. 04
5
.0
49
1.1
5
1.
25
C
. 0 30
.033
E
F
G
.000
.0
02
.0
00
.
050
H
J
.003
.00
6
.0
80
.1
50
B
. 04
5
.0
49
1.1
5
1.
25
0.75
0.85
0.
27
0.
37
.0
11
.0
15
0.
27
0.
17
0.5
0
0.4
3
.00
7
.0
11
.01
7
.02
0
D
.03
1TYP.
0.8
0TYP.
Micro Commercial Components
M C C
R
E
B
C


Similar Part No. - 2SA2029-R

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
2SA2029-R TSC-2SA2029-R Datasheet
706Kb / 3P
PNP Bipolar Transistor
More results

Similar Description - 2SA2029-R

ManufacturerPart #DatasheetDescription
logo
Rohm
EMX26 ROHM-EMX26 Datasheet
82Kb / 4P
General purpose transistors (dual transistors)
EMX18 ROHM-EMX18_1 Datasheet
82Kb / 4P
General purpose transistors (dual transistors)
EMT18 ROHM-EMT18_10 Datasheet
716Kb / 4P
General purpose transistors(dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMH2 HTSEMI-EMH2 Datasheet
318Kb / 1P
General purpose transistors (dual transistors)
UMF5 HTSEMI-UMF5 Datasheet
616Kb / 2P
General purpose transistors (dual transistors)
UMG3N HTSEMI-UMG3N Datasheet
1Mb / 1P
General purpose transistors (dual transistors)
UMH10N HTSEMI-UMH10N Datasheet
297Kb / 1P
General purpose transistors (dual transistors)
logo
Rohm
IMX1T110 ROHM-IMX1T110 Datasheet
93Kb / 4P
General purpose transistors(dual transistors)
logo
AiT Semiconductor Inc.
D882 AITSEMI-D882 Datasheet
554Kb / 5P
GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
MBT3906W AITSEMI-MBT3906W Datasheet
1Mb / 9P
SWITCHING TRANSISTORS GENERAL PURPOSE TRANSISTORS
REV1.1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com