Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT95C200 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT95C200
Description  8-Bit CID Type Phone Controller MCU
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95C200 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT95C200 Datasheet HTML 5Page - Holtek Semiconductor Inc HT95C200 Datasheet HTML 6Page - Holtek Semiconductor Inc HT95C200 Datasheet HTML 7Page - Holtek Semiconductor Inc HT95C200 Datasheet HTML 8Page - Holtek Semiconductor Inc HT95C200 Datasheet HTML 9Page - Holtek Semiconductor Inc HT95C200 Datasheet HTML 10Page - Holtek Semiconductor Inc HT95C200 Datasheet HTML 11Page - Holtek Semiconductor Inc HT95C200 Datasheet HTML 12Page - Holtek Semiconductor Inc HT95C200 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
HT95C200/20P/300/30P
Rev. 0.10
9
October 1, 2002
Preliminary
tion will be within 256 locations. When a control transfer
takes place, an additional dummy cycle is required.
Program memory
- ROM
The program memory is used to store the program in-
structions which are to be executed. It also contains
data, table, and interrupt entries, and is organized into
8192
´16 bits, addressed by the program counter and ta-
ble pointer. Certain locations in the program memory are
reserved for special usage:
· Location 0000H
This area is reserved for the initialization program. Af-
ter chip power-on reset or external reset or WDT
time-out reset, the program always begins execution
at location 0000H.
· Location 0004H
This area is reserved for the external interrupt service
program. If the INT/TMR1 input pin is activated, the
external interrupt is enabled and the stack is not full,
the program begins execution at location 0004H.
· Location 0008H
This area is reserved for the Timer/Event Counter 0 in-
terrupt service program. If a timer interrupt results
from a Timer/Event Counter 0 overflow, the
Timer/Event Counter 0 interrupt is enabled and the
stack is not full, the program begins execution at loca-
tion 0008H.
· Location 000CH
This location is reserved for the Timer/Event Counter
1 interrupt service program. If a timer interrupt results
from a Timer/Event Counter 1 overflow, the
Timer/Event Counter 1 interrupt is enabled and the
stack is not full, the program begins execution at loca-
tion 000CH.
· Location 0010H
This location is reserved for the peripherals interrupt
service program. The peripherals include a DTMF
generator and FSK decoder. When the DTMF genera-
tor is operated in burst mode, it will generate an inter-
rupt after 1 burst cycle is finished. When the FSK
decoder detects a ringer or line reversal or FSK carrier
signal or FSK packet data, the FSK interrupt is also
generated. If these interrupts occurred, the peripheral
interrupt is enabled and the stack is not full, the pro-
gram begins execution at location 0010H. The pro-
grammer could distinguish from these interrupts from
the DTMFC and FSKS register.
· Location 0014H
This location is reserved for real time clock (RTC) in-
terrupt service program. When RTC generator is en-
abled and time-out occurs, the RTC interrupt is
enabled and the stack is not full, the program begins
execution at location 0014H.
· Location 0018H
This location is reserved for the HKS pin edge transi-
tion or HDI pin falling edge transition or HFI pin rising
edge transition. If this condition occurs, the dialer I/O
interrupt is enabled and the stack is not full, the pro-
gram begins execution at location 18H.
Table location
Any location in the ROM space can be used as look-up
tables. The instructions
²TABRDC [m]² (the current
page, one page=256 words) and
²TABRDL [m]² (the last
page) transfer the contents of the lower-order byte to the
specified data memory, and the higher-order byte to
TBLH (08H). Only the destination of the lower-order
byte in the table is well-defined, and the higher-order
byte of the table word is transferred to TBLH. The table
Instruction(s)
Table Location
*12
*11
*10
*9
*8
*7
*6
*5
*4
*3
*2
*1
*0
TABRDC [m]
P12
P11
P10
P9
P8
@7
@6
@5
@4
@3
@2
@1
@0
TABRDL [m]
1
1
1
1
1
@7
@6
@5
@4
@3
@2
@1
@0
Note: *12~*0: Table location bits
P12~P8: Current program counter bits
@7~@0: Table pointer bits
0 0 0 H
0 0 4 H
0 0 8 H
D e v i c e i n i t i a l i z a t i o n p r o g r a m
E x t e r n a l i n t e r r u p t s u b r o u t i n e
T i m e r / e v e n t c o u n t e r 0 i n t e r r u p t s u b r o u t i n e
P r o g r a m
R O M
1 6 b i t s
L o o k - u p t a b l e ( 2 5 6 w o r d s )
n 0 0 H
L o o k - u p t a b l e ( 2 5 6 w o r d s )
1 . . . H
N o t e : n r a n g e s f r o m 0 t o 1 E H
n . . H
T i m e r / e v e n t c o u n t e r 1 i n t e r r u p t s u b r o u t i n e
0 0 C H
P e r i p h e r a l i n t e r r u p t s u b r o u t i n e
0 1 0 H
R T C i n t e r r u p t s u b r o u t i n e
0 1 4 H
D i a l e r I / O i n t e r r u p t s u b r o u t i n e
0 1 8 H
Program memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com