Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT95C200 Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT95C200
Description  8-Bit CID Type Phone Controller MCU
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95C200 Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT95C200 Datasheet HTML 17Page - Holtek Semiconductor Inc HT95C200 Datasheet HTML 18Page - Holtek Semiconductor Inc HT95C200 Datasheet HTML 19Page - Holtek Semiconductor Inc HT95C200 Datasheet HTML 20Page - Holtek Semiconductor Inc HT95C200 Datasheet HTML 21Page - Holtek Semiconductor Inc HT95C200 Datasheet HTML 22Page - Holtek Semiconductor Inc HT95C200 Datasheet HTML 23Page - Holtek Semiconductor Inc HT95C200 Datasheet HTML 24Page - Holtek Semiconductor Inc HT95C200 Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
HT95C200/20P/300/30P
Rev. 0.10
21
October 1, 2002
Preliminary
For the HT95C200/20P, the PD0~PD7 and
COM0~COM7 share the same pads. They can only be
selected per byte by software option at any time.
When the PD0~PD7 or the PE0~PE3 are not selected,
the I/O port control register (19H), PEC (1BH) could be
read/write-able and be used as a general user RAM, but
this function is not available for register PD (18H) and
PE (1AH).
FSK decoder
The FSK decoder supports three interrupt sources to
the peripheral interrupt vector. There are ring detect or
line reversal detect, FSK carrier detect and FSK packet
data. Write 0 to the control flag, RMSK, CMSK and
FMSK will enable these interrupt. When any of these in-
terrupt occurs, its interrupt flag (RDETF, CDETF, FSKF)
will be set to 1 by hardware even if the interrupt is dis-
abled. These interrupts will cause a peripheral interrupt
if the peripheral interrupt is enabled.When the periph-
eral interrupt occurs, the interrupt request flag PERF will
be set and a subroutine call to location 10H will occur.
Returning from the interrupt subroutine, the interrupt
flag RDETF, CDETF or FSKF will not be cleared by
hardware, the user should clear it by software. If inter-
rupt flag RDETF is not cleared, next ring detect interrupt
will be inhibited, other interrupt flags CDETF, FSKF
have the same behavior. The power down mode
(F_PWDN=1) will terminate all the FSK decoder func-
tion, however, the registers FSKC, FSKS and FSKD are
accessible at this power down mode.
Register
Label
Bits
R/W
Function
LCDIO
(28H)
¾
0~4
RO
Unused bit, read as
²0²
SPE0
5
RW
For HT95C300/30P only
0: SEG44~SEG47 pins are LCD segment output
1: SEG44~SEG47 pins are PE0~PE3 pins
SPD0
6
RW
For HT95C300/30P only
0: SEG36~SEG39 pins are LCD segment output
1: SEG36~SEG39 pins are PD0~PD3 pins
SPD1
7
RW
For HT95C300/30P only
0: SEG40~SEG43 pins are LCD segment output
1: SEG40~SEG43 pins are PD4~PD7 pins
LCDC
(2DH)
VBIAS
1
RW
For HT95C300/30P
0: COM0~COM7 are LCD common output
1: COM0~COM7 are unused pin
For HT95C200/20P
0: COM0~COM7 are LCD common output
1: COM0~COM7 are PD0~PD7 pins
Register
Label
Bits
R/W
Function
FSKC
(29H)
F_PWDN
0
RW
FSK decoder power down
1: FSK decoder is at power down mode
0: FSK decoder is at operation mode
¾
1RO
Unused bit, read as
²0²
FMSK
2
RW
FSK packet data interrupt mask
1: Disable FSK packet data interrupt
0: Enable FSK packet data interrupt
RMSK
3
RW
Ring or line reversal detect interrupt mask
1: Disable ring or line reversal detect interrupt
0: Enable ring or line reversal detect interrupt
CMSK
4
RW
Carrier detect interrupt mask
1: Disable carrier detect interrupt
0: Enable carrier detect interrupt
FSKSEL
5
RW
Select FSK packet data source
1: FSK packet data source is DOUTC
0: FSK packet data source is DOUT
¾
6, 7
RO
Unused bit, read as
²0²



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com