Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950405 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS950405
Description  AMD - K8 System Clock Chip
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950405 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS950405 Datasheet HTML 1Page - Integrated Circuit Systems ICS950405 Datasheet HTML 2Page - Integrated Circuit Systems ICS950405 Datasheet HTML 3Page - Integrated Circuit Systems ICS950405 Datasheet HTML 4Page - Integrated Circuit Systems ICS950405 Datasheet HTML 5Page - Integrated Circuit Systems ICS950405 Datasheet HTML 6Page - Integrated Circuit Systems ICS950405 Datasheet HTML 7Page - Integrated Circuit Systems ICS950405 Datasheet HTML 8Page - Integrated Circuit Systems ICS950405 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
ICS950405
0802F—04/22/05
Power Groups
VDD
GND
2
5
Xtal, POR
9
10
PCICLK, HTTCLK O/p
16,19
15,20
PCICLK Outputs
29
27,30,33
48 MHz, Fix Analog
35,38
34,39
CPU Outputs
43
42
Analog, CPU PLL, MCLK
46
47
REF, Digital Core
Pin Number
Description
Mode Functionality Tables
ModeA
ModeB
Pin7
Pin8
Pin11
0
0
HTTCLK1
HTTCLK2
PCICLK11
0
1
HTTCLK1
HTTCLK2
HTTCLK3
1
0
PCICLK8
PCICLK9
PCICLK11
1
1
HTTCLK1
PCICLK9
PCICLK11
Table1: Frequency Selection Table
Bit3
Bit2
Bit1
Bit0
CPU
HTT
PCI
FS3
FS2
FS1
FS0
MHz
MHz
MHz
00
0
0
100.90
67.27
33.63
00
0
1
133.90
66.95
33.48
00
1
0
168.00
67.20
33.60
00
1
1
202.00
67.33
33.67
0
1
0
0
100.20
66.80
33.40
01
0
1
133.50
66.75
33.38
01
1
0
166.70
66.68
33.34
01
1
1
200.40
66.80
33.40
10
0
0
150.00
60.00
30.00
10
0
1
180.00
60.00
30.00
10
1
0
210.00
70.00
35.00
10
1
1
240.00
60.00
30.00
11
0
0
270.00
67.50
33.75
11
0
1
233.33
66.67
33.33
11
1
0
266.67
66.67
33.33
11
1
1
300.00
75.00
37.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com