Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950405 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS950405
Description  AMD - K8 System Clock Chip
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950405 Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button ICS950405 Datasheet HTML 2Page - Integrated Circuit Systems ICS950405 Datasheet HTML 3Page - Integrated Circuit Systems ICS950405 Datasheet HTML 4Page - Integrated Circuit Systems ICS950405 Datasheet HTML 5Page - Integrated Circuit Systems ICS950405 Datasheet HTML 6Page - Integrated Circuit Systems ICS950405 Datasheet HTML 7Page - Integrated Circuit Systems ICS950405 Datasheet HTML 8Page - Integrated Circuit Systems ICS950405 Datasheet HTML 9Page - Integrated Circuit Systems ICS950405 Datasheet HTML 10Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
ICS950405
0802F—04/22/05
I
2C Table: Frequency Select Register
Bit 7
SS_EN
Spread Enable
RW
1
Bit 6
SEL24_48MHz
Output Select
RW
Latch
Bit 5
Reserved
Reserved
RW
X
Bit 4
Reserved
Reserved
RW
X
Bit 3
FS3
Freq Select Bit 3
RW
Latch
Bit 2
FS2
Freq Select Bit 2
RW
Latch
Bit 1
FS1
Freq Select Bit 1
RW
Latch
Bit 0
FS0
Freq Select Bit 0
RW
Latch
I
2C Table: Output Control Register
Bit 7
REF0
Output Control
RW
1
Bit 6
HTTCLK0
Output Control
RW
1
Bit 5
PCICLK8/HTTCLK1
Output Control
RW
1
Bit 4
PCICLK9/HTTCLK2
Output Control
RW
1
Bit 3
PCICLK11/HTTCLK3
Output Control
RW
1
Bit 2
PCICLK10
Output Control
RW
1
Bit 1
PCICLK0
Output Control
RW
1
Bit 0
PCICLK1
Output Control
RW
1
I
2C Table: Output Control Register
Bit 7
PCICLK2
Output Control
RW
1
Bit 6
PCICLK3
Output Control
RW
1
Bit 5
PCICLK4
Output Control
RW
1
Bit 4
PCICLK5
Output Control
RW
1
Bit 3
PCICLK6
Output Control
RW
1
Bit 2
PCICLK7
Output Control
RW
1
Bit 1
24_48MHz
Output Control
RW
1
Bit 0
48MHz
Output Control
RW
1
I
2C Table: Output Control Register
Bit 7
CPUCLK8T/C_1
Output Control
RW
1
Bit 6
CPUCLK8T/C_0
Output Control
RW
1
Bit 5
REF2
Output Control
RW
1
Bit 4
REF1
Output Control
RW
1
Bit 3
PCI_Str1
RW
0
Bit 2
PCI_Str0
RW
1
Bit 1
PCI_Str1
RW
0
Bit 0
PCI_Str0
RW
1
PCI9,8 Strength
Control only
PCI11 Strength Control
only
-
00: 0.5X Drive
10: 1.5X Drive
-
01: 1.0X Drive
11: 2.0X Drive
-
00: 0.5X Drive
10: 1.5X Drive
-
01: 1.0X Drive
11: 2.0X Drive
45
Disable
Enable
48
Disable
Enable
37,36
Disable
Enable
41,40
Disable
Enable
Type
0
1
PWD
Byte 3
Pin #
Name
Control Function
28
Disable
Enable
31
Disable
Enable
23
Disable
Enable
24
Disable
Enable
21
Disable
Enable
22
Disable
Enable
17
Disable
Enable
18
Disable
Enable
Type
0
1
PWD
Byte 2
Pin #
Name
Control Function
13
Disable
Enable
14
Disable
Enable
11
Disable
Enable
12
Disable
Enable
7
Disable
Enable
8
Disable
Enable
1
Disable
Enable
6
Disable
Enable
Type
0
1
PWD
Byte 1
Pin #
Name
Control Function
-
-
Reserved
Reserved
-
Reserved
Reserved
See Table1: Frequency Selection Table
-
-
-
Type
0
1
-
OFF
ON
-
48MHz
24MHz
PWD
Byte 0
Pin #
Name
Control Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com