Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE7149 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE7149
Description  SPDT Electromechanical Relay Pulse Latching Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7149 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE7149 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7149 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7149 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Connectors
RF Connector Type
N Female
RF Connector Specification
MIL-C-39012
RF Connector Contact Material and Plating
Beryllium Copper, Gold
RF Connector Body Material and Plating
Passivated Stainless Steel
Control Connector
Solder Terminals
Environmental Specifications
Temperature
Operating Range
-30 to +70 deg C
Storage Range
-55 to +100 deg C
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
SPDT Electromechanical Relay Pulse Latching Switch, DC to 8 GHz, 200W, 28V, Indicators, Hot Switching, N from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products
maintain a 99.4% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SPDT Electromechanical Relay Pulse Latching Switch, DC to 8 GHz, 200W, 28V, Indicators, Hot
Switching, N PE7149
URL:
https://www.pasternack.com/n-spdt-electromechanical-relay-switch-8-ghz-indicators-hot-switches-pe7149-p.aspx
PE7149 REV 1.2
Electromechanical Relay Switches Technical Data
PE7149
SPDT Electromechanical Relay Pulse Latching Switch,
DC to 8 GHz, 200W, 28V, Indicators, Hot Switching, N



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com