Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE7149 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE7149
Description  SPDT Electromechanical Relay Pulse Latching Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7149 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE7149 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7149 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7149 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
.
Electrical Specifications
Switch Type
SPDT, Reflective
Actuator Type
Pulse Latching
Actuator Options
Indicators, Hot Switching
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
8
GHz
Impedance
50
Ohms
Operating Voltage
24
28
32
Volts
Actuating Current @ 28 Volts
127
mA
VSWR
1.45:1
Insertion Loss
0.4
dB
Isolation
60
dB
Input Power (CW)
200
Watts
. .
Performance by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency Range
DC to 2
2 to 4
4 to 8
GHz
VSWR, Max
1.2:1
1.35:1
1.45:1
Insertion Loss, Max
0.2
0.35
0.4
dB
Isolation, Min
80
70
60
dB
Input Power, Max (CW)
375
275
200
Watts
.
Mechanical Specifications
Size
Length
2.5 in [63.5 mm]
Width/Diameter
2.9 in [73.66 mm]
Height
1 in [25.4 mm]
.
Weight
0.473 lbs [214.55 g]
Body Material and Plating
Aluminum, Black Anodized
Package Type
Connectorized
.
Operating Life
300,000 Cycles
Operating Life (Hot Switching)
100,000 Cycles
Switching Time
20 ms Max
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SPDT Electromechanical Relay Pulse Latching Switch, DC to 8 GHz, 200W, 28V, Indicators,
Hot Switching, N PE7149
PE7149 REV 1.2
SPDT Electromechanical Relay Pulse Latching Switch,
DC to 8 GHz, 200W, 28V, Indicators, Hot Switching, N
Electromechanical Relay Switches Technical Data Sheet
PE7149


Similar Part No. - PE7149

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7149 PASTERNACK-PE7149 Datasheet
119Kb / 1P
N SPDT RELAY SWITCH HOT SWITCHES INDICATORS & PULSE LATCHING
More results

Similar Description - PE7149

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7146 PASTERNACK-PE7146_15 Datasheet
453Kb / 6P
SPDT Electromechanical Relay Pulse Latching Switch
PE7156 PASTERNACK-PE7156_16 Datasheet
371Kb / 3P
DPDT Electromechanical Relay Pulse Latching Switch
PE7158 PASTERNACK-PE7158_15 Datasheet
425Kb / 3P
DPDT Electromechanical Relay Pulse Latching Switch
PEWGS6000 PASTERNACK-PEWGS6000 Datasheet
555Kb / 8P
WR-28 Waveguide Electromechanical Relay SPDT Latching Switch
PEWGS6013 PASTERNACK-PEWGS6013 Datasheet
559Kb / 8P
WR-75 Waveguide Electromechanical Relay SPDT Latching Switch
PEWGS6014 PASTERNACK-PEWGS6014 Datasheet
557Kb / 8P
WR-75 Waveguide Electromechanical Relay SPDT Latching Switch
PEWGS6015 PASTERNACK-PEWGS6015 Datasheet
558Kb / 8P
WR-75 Waveguide Electromechanical Relay SPDT Latching Switch
PEWGS6021 PASTERNACK-PEWGS6021 Datasheet
531Kb / 6P
WR-112 Waveguide Electromechanical Relay SPDT Latching Switch
PEWGS6022 PASTERNACK-PEWGS6022 Datasheet
527Kb / 6P
WR-112 Waveguide Electromechanical Relay SPDT Latching Switch
PEWGS6025 PASTERNACK-PEWGS6025 Datasheet
557Kb / 8P
WR-137 Waveguide Electromechanical Relay SPDT Latching Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com