Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT718 Datasheet(PDF) 3 Page - Micro Commercial Components

Part # FMMT718
Description  PNP Silicon Planar High Performance Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

FMMT718 Datasheet(HTML) 3 Page - Micro Commercial Components

  FMMT718 Datasheet HTML 1Page - Micro Commercial Components FMMT718 Datasheet HTML 2Page - Micro Commercial Components FMMT718 Datasheet HTML 3Page - Micro Commercial Components FMMT718 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Revision: A
2016/02/10
www.mccsemi.com
3 of 4
Micro Commercial Components
M C C
R
-0
-20
-40
-60
-80
-100
0
40
80
120
160
200
0
25
125
150
0.0
0.1
0.2
0.3
0.4
0.5
COLLECTOR CURRENT I
C
(mA)
V
CE=-10V
T
a=25
oC
I
C
f
T
——
50
75
100
AMBIENT TEMPERATURE T
a
(℃)
P
c
——
T
a
Typical Characteristics



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com