Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT718 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # FMMT718
Description  PNP Silicon Planar High Performance Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

FMMT718 Datasheet(HTML) 1 Page - Micro Commercial Components

  FMMT718 Datasheet HTML 1Page - Micro Commercial Components FMMT718 Datasheet HTML 2Page - Micro Commercial Components FMMT718 Datasheet HTML 3Page - Micro Commercial Components FMMT718 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FMMT
718
PNP Silicon Planar
High Performance
Transistor
Features
Maximum Ratings
Symbol
Rating
Rating
Unit
VCEO
Collector-Emitter Voltage
-20
V
VCBO
Collector-Base Voltage
-20
V
VEBO
Emitter-Base Voltage
-7.0
V
IC
Collector Current
-Continuous
-1.5
A
PC
Power Dissipation
350
mW
TJ
Operating Junction Temperature
-55 to +150
TSTG
Storage Temperature
-55 to +150
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol
Parameter
Min
Max
Units
OFF CHARACTERISTICS
V(BR)CEO
Collector-Emitter Breakdown Voltage*
(IC=
-10mAdc, I
B=0)
-20
---
Vdc
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=
-100µAdc, I
E=0)
-20
---
Vdc
V(BR)EBO
Emitter-Base Breakdown Voltage
(IE=
-100µAdc, I
C=0)
-7.0
---
Vdc
ICBO
Collector Cutoff Current
(VCB=
-15Vdc, I
E=0Vdc)
---
-0.1
uAdc
IEBO
Emitter Cutoff Current
(VEB=
-4.0Vdc, I
C=0)
---
-0.1
uAdc
VCE(sat)
Collector-Emitter Saturation Voltage
*
---
---
-0.04
-0.20
Vdc
VBE(sat)
Base-Emitter Saturation Voltage
*
(IC=
-1.5Adc, I
B=
-50mAdc)
---
-1.0
Vdc
VBE(ON)
Base-Emitter Voltage
*
(VCE=
-2Vdc, I
C=
-2.0Adc)
---
-1.0
Vdc
hFE
DC Current Gain
*
300
300
150
35
---
---
---
---
---
fT
Transition Frequency
(IC=
-50mAdc, V
CE=
-10Vdc, f=100MHz)
1
50
---
MHz
Cob
Output Capacitance
(VCB=
-10Vdc, f=1.0MHz)
---
30
pF
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.110
.120
2.80
3.04
B
.083
.104
2.10
2.64
C
.047
.055
1.20
1.40
D
.035
.041
.89
1.03
E
.070
.081
1.78
2.05
F
.018
.024
.45
.60
G
.0005
.0039
.013
.100
H
.035
.044
.89
1.12
J
.003
.007
.085
.180
K
.015
.020
.37
.51
.079
2.000
inches
mm
.031
.800
.035
.900
.037
.950
.037
.950
K
A
B
C
D
E
F
G
H
J
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
Revision:
A
20
16/02/10
E
B
C
Marking:
718
SOT-23
Suggested Solder
Pad Layout
DIMENSIONS
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
Epoxy meets UL 94 V-0 flammability rating
Moisure Sensitivity Level 1
www.mccsemi.com
1 of
4
Halogen free available upon request by adding suffix "-HF"
(IC=
-100mAdc, I
B=
-10mAdc)
(IC=
-1Adc, I
B=
-20mAdc)
(IC=
-1.5Adc,I
B=
-50mAdc)
---
-0.22
(VCE=
-2Vdc, I
C=
-10mAdc)
(VCE=
-2Vdc, I
C=
-100mAdc)
(VCE=
-2Vdc, I
C=
-2Adc)
(VCE=
-2Vdc, I
C=
-4Adc)
t(on)
t(off)
(VCC=
-10Vdc, I
C=
-1Adc, IB1=IB2=-20mAdc)
40(typ)
ns
670(typ)
ns
E
xtremely Low Saturation Voltage
IB
Base Current
-0.5
A
RthJA
Thermal Resistance From Junction to Ambient
357
o
C/W
*.Pulse test: Pul width≤300μs,duty cycle≤2.0%.
Micro Commercial Components
M C C
R
T
urn-on Time
T
urn-off Time


Similar Part No. - FMMT718

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT718 ZETEX-FMMT718 Datasheet
355Kb / 4P
SILICON POWER (SWITCHING) TRANSISTORS
logo
Guangdong Kexin Industr...
FMMT718 KEXIN-FMMT718 Datasheet
37Kb / 2P
Switching Transistor
logo
Diodes Incorporated
FMMT718 DIODES-FMMT718 Datasheet
440Kb / 4P
SOT23 PNP SILICON POWER (SWITCHING) TRANSISTORS
JUNE 1996
FMMT718 DIODES-FMMT718 Datasheet
183Kb / 7P
SOT23 PNP SILICON POWER (SWITCHING) TRANSISTOR
DS31924 Rev. 2 - 2
FMMT718 DIODES-FMMT718 Datasheet
367Kb / 4P
SOT23 PNP SILICON POWER (SWITCHING) TRANSISTORS
JUNE 1996
More results

Similar Description - FMMT718

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FCX589 ZETEX-FCX589 Datasheet
18Kb / 1P
PNP SILICON PLANAR MEDIUM POWER HIGH PERFORMANCE TRANSISTOR
FZT751 ZETEX-FZT751 Datasheet
97Kb / 2P
PNP SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
logo
GTM CORPORATION
GL157 GTM-GL157 Datasheet
308Kb / 2P
PNP SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
GM157 GTM-GM157 Datasheet
353Kb / 2P
PNP SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
logo
Zetex Semiconductors
ZUMT591 ZETEX-ZUMT591 Datasheet
50Kb / 2P
SOT323 PNP SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
logo
Guangdong Kexin Industr...
FZT949 KEXIN-FZT949 Datasheet
38Kb / 2P
PNP Silicon Planar High Current (High Performance) Transistor
logo
Diodes Incorporated
FZT751 DIODES-FZT751 Datasheet
121Kb / 5P
SOT223 PNP SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
Rev. 3 - 2 June 2010
ZUMT591 DIODES-ZUMT591 Datasheet
57Kb / 2P
SOT323 PNP SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
OCTOBER 1994
logo
SeCoS Halbleitertechnol...
PZT157 SECOS-PZT157 Datasheet
1Mb / 2P
PNP Transistor Silicon Planar High Performance Transistor
logo
Diodes Incorporated
ZUMT591 DIODES-ZUMT591_15 Datasheet
57Kb / 2P
SOT323 PNP SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
OCTOBER 1994
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com