Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT718 Datasheet (PDF) - Zetex Semiconductors

FMMT718 Datasheet PDF - Zetex Semiconductors
Part # FMMT718
Download  FMMT718 Download
File Size   355.42 Kbytes
Page   4 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description SILICON POWER (SWITCHING) TRANSISTORS

FMMT718 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMMT718 Datasheet PDF - Zetex Semiconductors

Part # FMMT718
Download  FMMT718 Click to download

File Size   355.42 Kbytes
Page   4 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description SILICON POWER (SWITCHING) TRANSISTORS

FMMT718 Datasheet (HTML) - Zetex Semiconductors


FMMT718 Product details

FEATURES
* 625mW POWER DISSIPATION
* IC CONT 2.5A
* IC Up To 10A Peak Pulse Current
* Excellent hfe Characteristics Up To 10A (pulsed)
* Extremely Low Saturation Voltage E.g. 10mV Typ.
* Exhibits extremely low equivalent on-resistance; RCE(sat)




Similar Part No. - FMMT718

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
FMMT718 KEXIN-FMMT718 Datasheet
37Kb / 2P
Switching Transistor
logo
Diodes Incorporated
FMMT718 DIODES-FMMT718 Datasheet
440Kb / 4P
SOT23 PNP SILICON POWER (SWITCHING) TRANSISTORS
JUNE 1996
FMMT718 DIODES-FMMT718 Datasheet
183Kb / 7P
SOT23 PNP SILICON POWER (SWITCHING) TRANSISTOR
DS31924 Rev. 2 - 2
FMMT718 DIODES-FMMT718 Datasheet
367Kb / 4P
SOT23 PNP SILICON POWER (SWITCHING) TRANSISTORS
JUNE 1996
logo
Micro Commercial Compon...
FMMT718 MCC-FMMT718 Datasheet
450Kb / 4P
PNP Silicon Planar High Performance Transistor
More results


Similar Description - FMMT718

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT617 ZETEX-FMMT617 Datasheet
308Kb / 4P
NPN SILICON POWER (SWITCHING) TRANSISTORS
logo
Siemens Semiconductor G...
SMBT2222 SIEMENS-SMBT2222 Datasheet
155Kb / 6P
NPN Silicon Switching Transistors
logo
Central Semiconductor C...
2N3646 CENTRAL-2N3646 Datasheet
77Kb / 1P
NPN SILICON SWITCHING TRANSISTORS
logo
Diodes Incorporated
FMMT717 DIODES-FMMT717 Datasheet
440Kb / 4P
SOT23 PNP SILICON POWER (SWITCHING) TRANSISTORS
JUNE 1996
logo
Comset Semiconductor
2N2221 COMSET-2N2221 Datasheet
84Kb / 4P
SWITCHING SILICON TRANSISTORS
logo
Diodes Incorporated
FMMT723TA DIODES-FMMT723TA Datasheet
367Kb / 4P
SOT23 PNP SILICON POWER (SWITCHING) TRANSISTORS
JUNE 1996
logo
Comset Semiconductor
2N2218 COMSET-2N2218 Datasheet
83Kb / 4P
SWITCHING SILICON TRANSISTORS
logo
Continental Device Indi...
2N5320 CDIL-2N5320 Datasheet
194Kb / 4P
SILICON POWER SWITCHING TRANSISTORS
logo
Central Semiconductor C...
2N3646 CENTRAL-2N3646_15 Datasheet
78Kb / 1P
NPN SILICON SWITCHING TRANSISTORS
logo
New Jersey Semi-Conduct...
BUX86 NJSEMI-BUX86 Datasheet
117Kb / 2P
NPN silicon epibase power switching transistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com