Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT718 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # FMMT718
Description  SILICON POWER (SWITCHING) TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

FMMT718 Datasheet(HTML) 1 Page - Zetex Semiconductors

  FMMT718 Datasheet HTML 1Page - Zetex Semiconductors FMMT718 Datasheet HTML 2Page - Zetex Semiconductors FMMT718 Datasheet HTML 3Page - Zetex Semiconductors FMMT718 Datasheet HTML 4Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SuperSOT
SOT23 PNP SILICON POWER
(SWITCHING) TRANSISTORS
ISSUE 3 JUNE 1996
FEATURES
* 625mW POWER DISSIPATION
*IC CONT 2.5A
*IC Up To 10A Peak Pulse Current
* Excellent hfe Characteristics Up To 10A (pulsed)
* Extremely Low Saturation Voltage E.g. 10mV Typ.
* Exhibits extremely low equivalent on-resistance; RCE(sat)
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
FMMT
717
FMMT
718
FMMT
720
FMMT
722
FMMT
723
UNIT
Collector-Base Voltage
VCBO
-12
-20
-40
-70
-100
V
Collector-Emitter Voltage
VCEO
-12
-20
-40
-70
-100
V
Emitter-Base Voltage
VEBO
-5
-5
-5
-5
-5
V
Peak Pulse Current**
ICM
-10
-6
-4
-3
-2.5
A
Continuous Collector Current
IC
-2.5
-1.5
-1.5
-1.5
-1
A
Base Current
IB
-500
mA
Power Dissipation at Tamb=25°C* Ptot
625
mW
Operating and Storage
Temperature Range
Tj:Tstg
-55 to +150
°C
*Maximum power dissipation is calculated assuming that the device is mounted on a ceramic
substrate measuring 15x15x0.6mm
**Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤ 2%
Spice parameter data is available upon request for these devices
C
B
E
3 - 159
FMMT717 FMMT718
FMMT720 FMMT722
FMMT723
DEVICE TYPE
COMPLEMENT
PARTMARKING
RCE(sat)
FMMT717
FMMT617
717
72mΩ at 2.5A
FMMT718
FMMT618
718
97mΩ at 1.5A
FMMT720
FMMT619
720
163mΩ at 1.5A
FMMT722
–
722
-
FMMT723
FMMT624
723
-
DIM Millimeters
Inches
Min
Max
Min
Max
A
2.67
3.05
0.105 0.120
B
1.20
1.40
0.047 0.055
C
–
1.10
–
0.043
D
0.37
0.53
0.0145 0.021
F
0.085
0.15
0.0033 0.0059
G
NOM 1.9
NOM 0.075
K
0.01
0.10
0.0004 0.004
L
2.10
2.50
0.0825 0.0985
N
NOM 0.95
NOM 0.37
Zetex plc.
Fields New Road, Chadderton, Oldham, OL9-8NP, United Kingdom.
Telephone: (44)161-627 5105 (Sales), (44)161-627 4963 (General Enquiries)
Fax: (44)161-627 5467
Zetex GmbH
Zetex Inc.
Zetex (Asia) Ltd.
These are supported by
Streitfeldstraße 19
47 Mall Drive, Unit 4
3510 Metroplaza, Tower 2
agents and distributors in
D-81673 München
Commack NY 11725
Hing Fong Road,
major countries world-wide
Germany
USA
Kwai Fong, Hong Kong
©Zetex plc 1997
Telefon: (49) 89 45 49 49 0
Telephone: (516) 543-7100
Telephone:(852) 26100 611
Internet:
Fax: (49) 89 45 49 49 49
Fax: (516) 864-7630
Fax: (852) 24250 494
http://www.zetex.com
This publication is issued to provide outline information only which (unless agreed by the Company in writing) may not be used, applied
or reproduced for any purpose or form part of any order or contract or be regarded as a representation relating to the products or
services concerned. The Company reserves the right to alter without notice the specification, design, price or conditions of supply of any
product or service.


Similar Part No. - FMMT718

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
FMMT718 KEXIN-FMMT718 Datasheet
37Kb / 2P
Switching Transistor
logo
Diodes Incorporated
FMMT718 DIODES-FMMT718 Datasheet
440Kb / 4P
SOT23 PNP SILICON POWER (SWITCHING) TRANSISTORS
JUNE 1996
FMMT718 DIODES-FMMT718 Datasheet
183Kb / 7P
SOT23 PNP SILICON POWER (SWITCHING) TRANSISTOR
DS31924 Rev. 2 - 2
FMMT718 DIODES-FMMT718 Datasheet
367Kb / 4P
SOT23 PNP SILICON POWER (SWITCHING) TRANSISTORS
JUNE 1996
logo
Micro Commercial Compon...
FMMT718 MCC-FMMT718 Datasheet
450Kb / 4P
PNP Silicon Planar High Performance Transistor
More results

Similar Description - FMMT718

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT617 ZETEX-FMMT617 Datasheet
308Kb / 4P
NPN SILICON POWER (SWITCHING) TRANSISTORS
logo
Siemens Semiconductor G...
SMBT2222 SIEMENS-SMBT2222 Datasheet
155Kb / 6P
NPN Silicon Switching Transistors
logo
Central Semiconductor C...
2N3646 CENTRAL-2N3646 Datasheet
77Kb / 1P
NPN SILICON SWITCHING TRANSISTORS
logo
Diodes Incorporated
FMMT717 DIODES-FMMT717 Datasheet
440Kb / 4P
SOT23 PNP SILICON POWER (SWITCHING) TRANSISTORS
JUNE 1996
logo
Comset Semiconductor
2N2221 COMSET-2N2221 Datasheet
84Kb / 4P
SWITCHING SILICON TRANSISTORS
logo
Diodes Incorporated
FMMT723TA DIODES-FMMT723TA Datasheet
367Kb / 4P
SOT23 PNP SILICON POWER (SWITCHING) TRANSISTORS
JUNE 1996
logo
Comset Semiconductor
2N2218 COMSET-2N2218 Datasheet
83Kb / 4P
SWITCHING SILICON TRANSISTORS
logo
Continental Device Indi...
2N5320 CDIL-2N5320 Datasheet
194Kb / 4P
SILICON POWER SWITCHING TRANSISTORS
logo
Central Semiconductor C...
2N3646 CENTRAL-2N3646_15 Datasheet
78Kb / 1P
NPN SILICON SWITCHING TRANSISTORS
logo
New Jersey Semi-Conduct...
BUX86 NJSEMI-BUX86 Datasheet
117Kb / 2P
NPN silicon epibase power switching transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com