Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTA13 Datasheet(PDF) 3 Page - Micro Commercial Components

Part # MMBTA13
Description  NPN Darlington Amplifier Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MMBTA13 Datasheet(HTML) 3 Page - Micro Commercial Components

  MMBTA13_17 Datasheet HTML 1Page - Micro Commercial Components MMBTA13_17 Datasheet HTML 2Page - Micro Commercial Components MMBTA13_17 Datasheet HTML 3Page - Micro Commercial Components MMBTA13_17 Datasheet HTML 4Page - Micro Commercial Components MMBTA13_17 Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Figure 6. Capacitance
VR, REVERSE VOLTAGE (VOLTS)
5.0
7.0
10
20
3.0
Figure 7. High Frequency Current Gain
IC, COLLECTOR CURRENT (mA)
Figure 8. DC Current Gain
IC, COLLECTOR CURRENT (mA)
Figure 9. Collector Saturation Region
IB, BASE CURRENT (µA)
2.0
200k
5.0
0.04
4.0
2.0
1.0
0.8
0.6
0.4
0.2
TJ = 255C
1.5
2.0
2.5
3.0
1.0
0.5
0.1
0.2
0.4
1.0 2.0
4.0
10
20
40
Cibo
Cobo
0.5
1.0
2.0
0.5
10
20
50
100 200
500
VCE = 5.0 V
f = 100 MHz
TJ = 255C
100k
70k
50k
30k
20k
10k
7.0k
5.0k
3.0k
2.0k
7.0 10
20
30
50 70 100
200 300
500
TJ = 1255C
255C
-555C
VCE = 5.0 V
0.1 0.2 0.5 1.0 2.0
5.0 10 20 50 100 200 500 1000
TJ = 255C
IC = 10 mA 50 mA
250 mA 500 mA
Figure 10. “On” Voltages
IC, COLLECTOR CURRENT (mA)
Figure 11. Temperature Coefficients
IC, COLLECTOR CURRENT (mA)
1.6
5.0
-1.0
1.4
1.2
1.0
0.8
0.6
7.0
10
20 30
50 70 100 200 300
500
VBE(sat) @ IC/IB = 1000
TJ = 255C
VBE(on) @ VCE = 5.0 V
VCE(sat) @ IC/IB = 1000
-2.0
-3.0
-4.0
-5.0
-6.0
5.0 7.0 10
20 30
50 70 100
200 300
500
255C TO 1255C
-555C TO 255C
*RqVC FOR VCE(sat)
qVB FOR VBE
255C TO 1255C
-555C TO 255C
*APPLIES FOR IC/IB 3 hFE/3.0
MMBTA14
MMBTA13
Revision: C
2017/07/20
www.mccsemi.com
3 of 5
Micro Commercial Components
M C C
R



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com