Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTA13 Datasheet(PDF) 4 Page - Micro Commercial Components

Part # MMBTA13
Description  NPN Darlington Amplifier Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MMBTA13 Datasheet(HTML) 4 Page - Micro Commercial Components

  MMBTA13_17 Datasheet HTML 1Page - Micro Commercial Components MMBTA13_17 Datasheet HTML 2Page - Micro Commercial Components MMBTA13_17 Datasheet HTML 3Page - Micro Commercial Components MMBTA13_17 Datasheet HTML 4Page - Micro Commercial Components MMBTA13_17 Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Figure 12. Thermal Response
t, TIME (ms)
1.0
2.0
5.0
1.0
0.5
0.2
0.1
0.7
0.5
0.3
0.2
0.1
0.07
0.05
0.03
0.02
0.01
20
50
10
200
500
100
1.0k
2.0k
5.0k 10k
Figure 13. Active Region Safe Operating Area
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
1.0k
0.4
700
500
300
200
100
70
50
30
20
10
0.6
1.0
2.0
4.0 6.0
10
20
40
TA = 25°C
D = 0.5
0.2
0.1
0.05
SINGLE PULSE
SINGLE PULSE
CURRENT LIMIT
THERMAL LIMIT
SECOND BREAKDOWN LIMIT
ZθJC(t) = r(t) • RθJC TJ(pk) - TC = P(pk) ZθJC(t)
ZθJA(t) = r(t) • RθJA TJ(pk) - TA = P(pk) ZθJA(t)
1.0 ms
100 µs
TC = 25°C
1.0 s
Design Note: Use of Transient Thermal Resistance Data
FIGURE A
tP
PP
PP
t1
1/f
DUTYCYCLE + t1 f +
t1
tP
PEAK PULSE POWER = PP
MMBTA14
MMBTA13
Revision: C
2017/07/20
www.mccsemi.com
4 of 5
Micro Commercial Components
M C C
R



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com