Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MI1000RW Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MI1000RW
Description  Compact, 1 x 1 Inch 10W, 2:1 Input Range DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MI1000RW Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MI1000RW Datasheet HTML 1Page - MicroPower Direct, LLC MI1000RW Datasheet HTML 2Page - MicroPower Direct, LLC MI1000RW Datasheet HTML 3Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.micropowerdirect.com
Page 2
We Power Your Success - For Less
Model Selection Guide
Notes:
1. The specified maximum capacitive load is for each output.
2. When measuring output ripple, it is recommended that an external
0.47 µF ceramic capacitor be connected in parallel from the +VOUT to the -VOUT pin for single
output unis; or from each output to common for dual output units.
3. Transient recovery is measured to within a 1% error band for a load step change of 25%.
4. Over Power protection is provided by a “hiccup mode” current limiting circuit.
5. Short circuit protection is provided by a “hiccup mode” circuit.
6. To meet the requirements of EN 61000-4-4 and EN 61000-4-5, an external capacitor must
be placed across the input to the unit. The recommended value for all models is 330 µF/80V.
7. On dual output models, the cross reulation for asymetrical loads (25%/100%) is ±5% max.
8. The output over voltage protection circuit is independent of the primary regulation loop.
It provides redundant protection against any possible overvoltage.
9. Operation at no-load will not damage these units.
10. It is recommended that a fuse be used on the input of a power supply for protection. See
the Model Selection table above for the correct rating.
Model
Number
Input
Output
Efficiency
(%, Typ)
Capacitive
Load
(µF Max)
Fuse
Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
MI1012S-03RW(-H)
12
9.0 - 18.0
838
15
3.3
2,500
0.0
82
4,700
2,000
MI1012S-05RW(-H)
12
9.0 - 18.0
980
15
5.0
2,000
0.0
85
2,200
2,000
MI1012S-12RW(-H)
12
9.0 - 18.0
954
15
12.0
830
0.0
87
330
2,000
MI1012S-15RW(-H)
12
9.0 - 18.0
952
15
15.0
670
0.0
88
220
2,000
MI1012D-05RW(-H)
12
9.0 - 18.0
992
15
±5.0
±1,000
0.0
84
1,000
2,000
MI1012D-12RW(-H)
12
9.0 - 18.0
956
15
±12.0
±416
0.0
87
150
2,000
MI1012D-15RW(-H)
12
9.0 - 18.0
957
15
±15.0
±333
0.0
87
100
2,000
MI1024S-03RW(-H)
24
18.0 - 36.0
414
12
3.3
2,500
0.0
83
4,700
1,000
MI1024S-05RW(-H)
24
18.0 - 36.0
490
12
5.0
2,000
0.0
85
2,200
1,000
MI1024S-12RW(-H)
24
18.0 - 36.0
472
12
12.0
830
0.0
88
330
1,000
MI1024S-15RW(-H)
24
18.0 - 36.0
471
12
15.0
670
0.0
89
220
1,000
MI1024D-05RW(-H)
24
18.0 - 36.0
490
12
±5.0
±1,000
0.0
85
1,000
1,000
MI1024D-12RW(-H)
24
18.0 - 36.0
473
12
±12.0
±416
0.0
88
150
1,000
MI1024D-15RW(-H)
24
18.0 - 36.0
468
12
±15.0
±333
0.0
89
100
1,000
MI1048S-03RW(-H)
48
36.0 - 75.0
207
10
3.3
2,500
0.0
83
4,700
500
MI1048S-05RW(-H)
48
36.0 - 75.0
242
10
5.0
2,000
0.0
86
2,200
500
MI1048S-12RW(-H)
48
36.0 - 75.0
233
10
12.0
830
0.0
89
330
500
MI1048S-15RW(-H)
48
36.0 - 75.0
235
10
15.0
670
0.0
89
220
500
MI1048D-05RW(-H)
48
36.0 - 75.0
242
10
±5.0
±1,000
0.0
86
1,000
500
MI1048D-12RW(-H)
48
36.0 - 75.0
239
10
±12.0
±416
0.0
87
150
500
MI1048D-15RW(-H)
48
36.0 - 75.0
237
10
±15.0
±333
0.0
88
100
500
Remote On/Off
All models of the MI1000xRW series can be turned on/off remotely by applying by applying a positive logic signal to
pin 6. The specifications for the ON/OFF function are given in the table below. The maximum sink current at the control
pin (pin 6) during a logic low is -500 µA. The maximum allowable leakage current of a switch connected to the control
pin during a logic high is 10 mA.
The switch used can be an open
collector transistor, FET or op-
tocoupler. Three possible con-
nections are illustrated in the
diagrams below and at right. For
more information, please contact
the factory.
Without Heatsink
With Heatsink
Derating Curves
Parameter
Min
Typ
Max
Units
Supply On
3.5
12.0
VDC
Supply Off
0.0
1.2
VDC
Standby Input Current
5.0
mA
Control Common
Referenced to Negative Input (pin 2)
Control Input Current (ON)
0.5
mA
Control Input Current (OFF)
-0.5
mA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com