Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MI1000RW Datasheet(PDF) 3 Page - MicroPower Direct, LLC

Part # MI1000RW
Description  Compact, 1 x 1 Inch 10W, 2:1 Input Range DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MI1000RW Datasheet(HTML) 3 Page - MicroPower Direct, LLC

  MI1000RW Datasheet HTML 1Page - MicroPower Direct, LLC MI1000RW Datasheet HTML 2Page - MicroPower Direct, LLC MI1000RW Datasheet HTML 3Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.micropowerdirect.com
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx = ±0.02 (±0.50)
Heatsink is black, anodized aluminum
Mechanical Dimensions
Mechanical Dimensions: With Optional Heatsink
Pin
Single
Pin
Dual
1+VIN
1+VIN
2-VIN
2-VIN
3+VOUT
3+VOUT
4
No Pin
4
Common
5-VOUT
5-VOUT
6
Remote On/Off
6
Remote On/Off
Pin Connections
For the heatsink option, add suffix “H” to the
model number (i.e. MI1024S-12RW-H)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com