Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTL-R42NGYADH229 Datasheet(PDF) 6 Page - Lite-On Technology Corporation

Part # LTL-R42NGYADH229
Description  Through Hole Lamp
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL-R42NGYADH229 Datasheet(HTML) 6 Page - Lite-On Technology Corporation

Back Button LTL-R42NGYADH229 Datasheet HTML 2Page - Lite-On Technology Corporation LTL-R42NGYADH229 Datasheet HTML 3Page - Lite-On Technology Corporation LTL-R42NGYADH229 Datasheet HTML 4Page - Lite-On Technology Corporation LTL-R42NGYADH229 Datasheet HTML 5Page - Lite-On Technology Corporation LTL-R42NGYADH229 Datasheet HTML 6Page - Lite-On Technology Corporation LTL-R42NGYADH229 Datasheet HTML 7Page - Lite-On Technology Corporation LTL-R42NGYADH229 Datasheet HTML 8Page - Lite-On Technology Corporation LTL-R42NGYADH229 Datasheet HTML 9Page - Lite-On Technology Corporation LTL-R42NGYADH229 Datasheet HTML 10Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
5/9
Part No. :
LTL-R42NGYADH229
BNS-OD-FC002/A4
Through Hole Lamp
LTL-R42NGYADH229
6. Packing Specification
Packing Carrier Dimensions
1. 10 sprocket hole pitch cumulative tolerance ±0.20
2. Material : Black Conductive Polystyrene Alloy
3. Thickness : 0.50 ±0.06 mm
4. Component load per 13” reel : 350pcs
Packing Reel Dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com