Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTL-R42NGYADH229 Datasheet(PDF) 3 Page - Lite-On Technology Corporation

Part # LTL-R42NGYADH229
Description  Through Hole Lamp
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL-R42NGYADH229 Datasheet(HTML) 3 Page - Lite-On Technology Corporation

  LTL-R42NGYADH229 Datasheet HTML 1Page - Lite-On Technology Corporation LTL-R42NGYADH229 Datasheet HTML 2Page - Lite-On Technology Corporation LTL-R42NGYADH229 Datasheet HTML 3Page - Lite-On Technology Corporation LTL-R42NGYADH229 Datasheet HTML 4Page - Lite-On Technology Corporation LTL-R42NGYADH229 Datasheet HTML 5Page - Lite-On Technology Corporation LTL-R42NGYADH229 Datasheet HTML 6Page - Lite-On Technology Corporation LTL-R42NGYADH229 Datasheet HTML 7Page - Lite-On Technology Corporation LTL-R42NGYADH229 Datasheet HTML 8Page - Lite-On Technology Corporation LTL-R42NGYADH229 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2/9
Part No. :
LTL-R42NGYADH229
BNS-OD-FC002/A4
Through Hole Lamp
LTL-R42NGYADH229
1. Description
CBI (Circuit Board Indicator) is a black plastic right angle Holder (Housing) which mates with Lite-On LED lamps. Lite-On CBI is
available in a wide variety of packages, including top-view (Spacer) or right angle and horizontal or vertical arrays which is
stackable and easy to assembly.
1. 1. Features
Designed for ease in circuit board assembly.
Black case enhance contrast ratio.
Green diffused lens.
Low power consumption & High efficiency.
Lead free product & RoHS Compliant.
T-1 diameter: Source color is AlInGaP yellow green
chip.
1.2. Applications
Computer.
Communication.
Consumer.
Industrial.
2. Outline Dimensions
Notes :
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25mm (.010") unless otherwise noted.
3. The Holder (Housing) material is plastic black.
4. LED1 is empty; LED2 is yellow green color with green diffused lens.
5.
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com