Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE7151 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE7151
Description  Transfer Electromechanical Relay Latching Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7151 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE7151 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7151 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7151 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE7151 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE7151 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Transfer Electromechanical Relay Latching Switch DC to 18 GHz, SMA, 35 Watts, 175V Indicator, 28V Control with Indicators,
Self Cut Off from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave
and millimeter wave products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Transfer Electromechanical Relay Latching Switch DC to 18 GHz, SMA, 35 Watts, 175V Indicator,
28V Control with Indicators, Self Cut Off PE7151
URL: http://www.pasternack.com/sma-electromechanical-transfer-switch-18ghz-35watts-24-32volts-i-l-s-pe7151-p.aspx
PE7151 REV 1.1
Transfer Electromechanical Relay Latching Switch
DC to 18 GHz, SMA, 35 Watts, 175V Indicator,
28V Control with Indicators, Self Cut Off
Electromechanical Relay Switches Technical Data
PE7151



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com