Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE7151 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE7151
Description  Transfer Electromechanical Relay Latching Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7151 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE7151 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7151 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7151 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE7151 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE7151 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Features
• Transfer Switch
• DC to 18GHz Frequency Range
• 1M Cycles Min Lifetime
• Latching Switch
• Make before Break
• -40 to +85 Deg C Operating Temperature
• Insertion Loss 0.5 dB Max
• VSWR 1.5:1 Max
• +28 Vdc Operating Voltage
Applications
• Test & Measurement
• Instrumentation
.
Description
The PE7151 is a Transfer Electromechanical Relay Switch that operates from DC to 18 GHz and can handle up to 85 Watts
of CW input power in a Make Before Break condition. This design features a Latching Actuator with Indicators and Self Cut
Off and is rated for 1M Life Cycles. Insertion loss is specified from 0.2 dB max and Isolation from 80 dB min, with +21 Vdc
operating voltage. Performance is guaranteed over -40 deg C to +85 deg C, and the switch assembly is RoHS and REACH
compliant. The package interface uses solder terminals and SMA female connectors.
Electrical Specifications
Switch Type
Transfer, Reflective
Actuator Type
Latching
Switching Sequence
Make before Break
Actuator Options
Indicators, Self Cut Off
Pickup Voltage
21 Volts
Indicator Rating
5 Watts / 175 Volts / 250 mA
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
18
GHz
Impedance
50
Ohms
Operating Voltage
24
28
32
Volts
Actuating Current @ 28 Volts
185
mA
VSWR
1.5:1
Insertion Loss
0.5
dB
Isolation
60
dB
Input Power (CW)
35
Watts
. .
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Transfer Electromechanical Relay Latching Switch DC to 18 GHz, SMA, 35 Watts, 175V Indi-
cator, 28V Control with Indicators, Self Cut Off PE7151
PE7151 REV 1.1
Transfer Electromechanical Relay Latching Switch
DC to 18 GHz, SMA, 35 Watts, 175V Indicator,
28V Control with Indicators, Self Cut Off
Electromechanical Relay Switches Technical Data Sheet
PE7151


Similar Part No. - PE7151

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7151 PASTERNACK-PE7151 Datasheet
306Kb / 1P
SMA TRANSFER RELAY SWITCH, INDICATORS, LATCHING & SELF CUT OFF
More results

Similar Description - PE7151

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7152 PASTERNACK-PE7152 Datasheet
304Kb / 1P
SMA TRANSFER RELAY SWITCH, INDICATORS & PULSE LATCHING
PE71S6124 PASTERNACK-PE71S6124 Datasheet
453Kb / 6P
Transfer Electromechanical Relay Switch DC to 40 GHz
PE71S6168 PASTERNACK-PE71S6168 Datasheet
453Kb / 6P
Transfer Electromechanical Relay Switch DC to 12.4 GHz
PE71S6061 PASTERNACK-PE71S6061 Datasheet
395Kb / 4P
Transfer Terminated Electromechanical Relay
PE7146 PASTERNACK-PE7146_15 Datasheet
453Kb / 6P
SPDT Electromechanical Relay Pulse Latching Switch
PE7149 PASTERNACK-PE7149_17 Datasheet
515Kb / 3P
SPDT Electromechanical Relay Pulse Latching Switch
PE7150 PASTERNACK-PE7150_15 Datasheet
452Kb / 6P
Transfer Electromechanical Relay Failsafe Switch
PE7153 PASTERNACK-PE7153_15 Datasheet
475Kb / 6P
Transfer Electromechanical Relay Failsafe Switch
PE7156 PASTERNACK-PE7156_16 Datasheet
371Kb / 3P
DPDT Electromechanical Relay Pulse Latching Switch
PE7158 PASTERNACK-PE7158_15 Datasheet
425Kb / 3P
DPDT Electromechanical Relay Pulse Latching Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com