Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH4787S Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH4787S
Description  IR OSLUX
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4787S Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH4787S Datasheet HTML 1Page - OSRAM GmbH SFH4787S Datasheet HTML 2Page - OSRAM GmbH SFH4787S Datasheet HTML 3Page - OSRAM GmbH SFH4787S Datasheet HTML 4Page - OSRAM GmbH SFH4787S Datasheet HTML 5Page - OSRAM GmbH SFH4787S Datasheet HTML 6Page - OSRAM GmbH SFH4787S Datasheet HTML 7Page - OSRAM GmbH SFH4787S Datasheet HTML 8Page - OSRAM GmbH SFH4787S Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
2017-10-23
4
Version 1.0
SFH 4787S
Max. Permissible Forward Current
IF = f (TS), RthJS = 25 K/W
Forward Current 1) page 11
IF = f(VF), TA= 25°C, Single pulse, tp = 100 µs,
Permissible Pulse Handling Capability
IF = f (tp), TS = 85 °C, Duty cycle D = parameter
0
50
0
100
200
150
250
350
300
400
550
IF
450
mA
˚C
TS
OHF05649
20
40
60
80
100
OHF05652
F
I
V
A
2.5
F
V
5
5
0
10
1
10
10
-1
10
-2
3
3.5
4
4.5
2
1
0
-1
-2
-3
-4
-5
10
10
10
10
10
tp
10
10
s
10
0
T
t
A
IF
D =
I
P
T
F
P
t
OHF05648
1
0.5
0.01
0.05
0.1
0.2
0.02
0.005
D =
0.5
1.0
1.5
2.0
2.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com