Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH4787S Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH4787S
Description  IR OSLUX
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4787S Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH4787S Datasheet HTML 1Page - OSRAM GmbH SFH4787S Datasheet HTML 2Page - OSRAM GmbH SFH4787S Datasheet HTML 3Page - OSRAM GmbH SFH4787S Datasheet HTML 4Page - OSRAM GmbH SFH4787S Datasheet HTML 5Page - OSRAM GmbH SFH4787S Datasheet HTML 6Page - OSRAM GmbH SFH4787S Datasheet HTML 7Page - OSRAM GmbH SFH4787S Datasheet HTML 8Page - OSRAM GmbH SFH4787S Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
2017-10-23
1
2017-10-23
IR OSLUX (810nm) - 36° / 8° tilted
Version 1.0
SFH 4787S
Ordering Information
Features:
•
IR lightsource with high efficiency
•
Double stack emitter
•
Low thermal resistance (Max. 25 K/W)
•
Centroid wavelength 810 nm
•
Small package dimensions (LxWxH): 3.5mm x 3.5mm x 1.6mm
•
Narrow half angle (+/- 18°) / 8° tilted
Applications
•
Infrared Illumination
Notes
Depending on the mode of operation, these devices emit highly concentrated non visible infrared light which
can be hazardous to the human eye. Products which incorporate these devices have to follow the safety
precautions given in IEC 60825-1 and IEC 62471.
Type:
Radiant Intensity
Ordering Code
I
e [mW/sr]
I
F = 1 A, tp= 10 ms
SFH 4787S
1000 (≥ 815)
Q65112A2090
Note:
measured at a solid angle of Ω = 0.001 sr / the optical axis is tilted by 8°


Similar Part No. - SFH4787S

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4780S OSRAM-SFH4780S Datasheet
454Kb / 13P
IR OSLUX (810nm) - 20
SFH4783 OSRAM-SFH4783 Datasheet
369Kb / 13P
Narrow beam LED in Dragon Dome package (850nm)
SFH4786S OSRAM-SFH4786S Datasheet
594Kb / 12P
IR OSLUX
More results

Similar Description - SFH4787S

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86C72 ZILOG-Z86C72 Datasheet
364Kb / 71P
IR MICROCONTROLLER
logo
KODENSHI_AUK CORP.
KME-M002C KODENSHI-KME-M002C Datasheet
96Kb / 1P
IR Sensor
KME-M002C KODENSHI-KME-M002C_07 Datasheet
150Kb / 2P
IR Sensor
logo
Axiomtek Co., Ltd.
DSA-132 AXIOMTEK-DSA-132 Datasheet
235Kb / 1P
IR touchscreen
logo
Roithner LaserTechnik G...
C2021-B1 ROITHNER-C2021-B1 Datasheet
139Kb / 1P
IR-LASERMODULE
C2021-C1 ROITHNER-C2021-C1 Datasheet
139Kb / 1P
IR-LASERMODULE
logo
List of Unclassifed Man...
QBLP651-IR3 ETC1-QBLP651-IR3 Datasheet
503Kb / 9P
IR LED
logo
OSRAM GmbH
SFH4780S OSRAM-SFH4780S Datasheet
454Kb / 13P
IR OSLUX (810nm) - 20
SFH4786S OSRAM-SFH4786S Datasheet
594Kb / 12P
IR OSLUX
logo
Infineon Technologies A...
IRFP250MPBF INFINEON-IRFP250MPBF Datasheet
1Mb / 9P
IR MOSFET?
05/28/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com