Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS54873PWP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54873PWP
Description  4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54873PWP Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS54873PWP Datasheet HTML 6Page - Texas Instruments TPS54873PWP Datasheet HTML 7Page - Texas Instruments TPS54873PWP Datasheet HTML 8Page - Texas Instruments TPS54873PWP Datasheet HTML 9Page - Texas Instruments TPS54873PWP Datasheet HTML 10Page - Texas Instruments TPS54873PWP Datasheet HTML 11Page - Texas Instruments TPS54873PWP Datasheet HTML 12Page - Texas Instruments TPS54873PWP Datasheet HTML 13Page - Texas Instruments TPS54873PWP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
TPS54873
SLVS444 – OCTOBER 2002
www.ti.com
10
Connect Pin 1 to Analog Ground Plane
in This Area for Optimum Performance
Minimum Recommended Top
Side Analog Ground Area
0.3478
0.0150
0.06
0.0256
0.1700
0.1340
0.0630
0.0400
Ø 0.0180
4 PL
0.2090
Ø 0.0130
8 PL
Minimum Recommended Exposed
Copper Area for Powerpad. 5-mm
Stencils May Require 10 Percent
Larger Area
0.0650
0.0500
0.0500
0.0650
0.0339
0.0339
0.0500
Minimum Recommended Thermal Vias: 8 x 0.013 Diameter Inside
Powerpad Area 4 x 0.018 Diameter Under Device as Shown.
Additional 0.018 Diameter Vias May Be Used if Top Side Analog Ground
Area Is Extended.
0.3820
Figure 10. Recommended Land Pattern for 28-Pin PWP PowerPAD
PERFORMANCE GRAPHS
Figure 11
50
55
60
65
70
75
80
85
90
95
100
01
2
3
45
6
7
89
VI = 5 V,
VO = 3.3 V
EFFICIENCY
vs
OUTPUT CURRENT
IO – Output Current – A
Figure 12
3.28
3.285
3.29
3.295
3.3
3.305
3.31
3.315
3.32
0
1
2
34
56
78
9
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
IO – Output Current – A
Figure 13
3.28
3.285
3.29
3.295
3.3
3.305
3.31
3.315
3.32
4
4.5
5
5.5
6
IO = 0
IO = 8
IO = 4
VI – Input Voltage – V
OUTPUT VOLTAGE
vs
INPUT VOLTAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com