Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS54873PWP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54873PWP
Description  4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54873PWP Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS54873PWP Datasheet HTML 7Page - Texas Instruments TPS54873PWP Datasheet HTML 8Page - Texas Instruments TPS54873PWP Datasheet HTML 9Page - Texas Instruments TPS54873PWP Datasheet HTML 10Page - Texas Instruments TPS54873PWP Datasheet HTML 11Page - Texas Instruments TPS54873PWP Datasheet HTML 12Page - Texas Instruments TPS54873PWP Datasheet HTML 13Page - Texas Instruments TPS54873PWP Datasheet HTML 14Page - Texas Instruments TPS54873PWP Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
TPS54873
SLVS444 – OCTOBER 2002
www.ti.com
11
Figure 14
–20
0
20
40
60
100
1 k
10 k
100 k
1 M
0
45
90
135
180
f – Frequency – Hz
LOOP RESPONSE
Phase
Gain
VI = 5 V,
VO = 3.3 V,
IO = 6 A,
TA = 25°C,
FS = 550 kHz
Figure 15
25
35
45
55
65
75
85
95
105
115
125
0
123
4
AMBIENT TEMPERATURE
vs
OUTPUT CURRENT
IO – Output Current – A
56
7
8
VI = 5 V
TJ = 25°C
fs = 700 kHz
Figure 16
Time – 1
µs/div
OUTPUT RIPPLE VOLTAGE
Figure 17
100
µs/div
LOAD TRANSIENT RESPONSE
VI = 5 V,
1A to 5A,
Figure 18
5.0 ms/div
START-UP WAVEFORM
VO = 3.3 V
VI = 5 V
DETAILED DESCRIPTION
DISABLED SINKING DURING START-UP
(DSDS)
The DSDS feature enables minimal voltage drooping of
output precharge capacitors at start-up. The TPS54873
is designed to disable the low-side MOSFET to prevent
sinking current from a precharge output capacitor during
start-up. Once the high-side MOSFET has been turned on
to the maximum duty cycle limit, the low-side MOSFET is
allowed to switch. Once the maximum duty cycle condition
is met, the converter functions as a sourcing converter until
the SS/ENA is pulled low.
UNDERVOLTAGE LOCK OUT (UVLO)
The TPS54873 incorporates an under voltage lockout
circuit to keep the device disabled when the input voltage
(VIN) is insufficient. During power up, internal circuits are
held inactive until VIN exceeds the nominal UVLO
threshold voltage of 3.8 V. Once the UVLO start threshold
is reached, device start-up begins. The device operates
until VIN falls below the nominal UVLO stop threshold of
3.5 V. Hysteresis in the UVLO comparator and a 2.5-
µs
rising and falling edge deglitch circuit reduce the likelihood
of shutting the device down due to noise on VIN.
SLOW-START/ENABLE (SS/ENA)
The slow-start/enable pin provides two functions. First, the
pin acts as an enable (shutdown) control by keeping the
device turned off until the voltage exceeds the start
threshold voltage of approximately 1.2 V. When SS/ENA
exceeds the enable threshold, device start-up begins. The
reference voltage fed to the error amplifier is linearly
ramped up from 0 V to 0.891 V in 3.35 ms. Similarly, the
converter
output
voltage
reaches
regulation
in
approximately 3.35 ms. Voltage hysteresis and a 2.5-
µs
falling edge deglitch circuit reduce the likelihood of
triggering the enable due to noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com