Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7760BCP Datasheet(PDF) 21 Page - Analog Devices

Part # AD7760BCP
Description  2.5 MSPS, 20-Bit ADC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7760BCP Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7760BCP Datasheet HTML 14Page - Analog Devices AD7760BCP Datasheet HTML 15Page - Analog Devices AD7760BCP Datasheet HTML 16Page - Analog Devices AD7760BCP Datasheet HTML 17Page - Analog Devices AD7760BCP Datasheet HTML 18Page - Analog Devices AD7760BCP Datasheet HTML 19Page - Analog Devices AD7760BCP Datasheet HTML 20Page - Analog Devices AD7760BCP Datasheet HTML 21Page - Analog Devices AD7760BCP Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
Preliminary Technical Data
AD7760
Rev. PrN | Page 21 of 22
Table 14. Status Register (Read Only)
MSB
LSB
PART
1
PART
0
DIE
2
DIE
1
DIE
0
DVALID
LPWR
OVR
DL
OK
Filter
OK
U
Filter
BYP F3
BYP F1
DEC2
DEC1
DEC0
Bit
Mnemonic
Comment
15,14
PART1:0
Part Number. These bits will be constant for the AD7760.
13-11
DIE2:0
Die Number. These bits will reflect the current AD7760 die number for identification purposes within a system.
10
DVALID
Data Valid. This bit corresponds to the DVALID bit in the status word output in the second 16-bit read operation.
9
LPWR
Low Power. If the AD7760 is operating in Low Power Mode, this bit is set to a 1.
8
OVR
If the current analog input exceeds the current overrange threshold, this bit will be set.
7
DL OK
When downloading a user filter to the AD7760, a checksum is generated. This checksum is compared to the one
downloaded following the coefficients. If these checksums agree, this bit is set.
6
Filter OK
When a user-defined filter is in use, a checksum is generated when the filter coefficients pass through the filter. This
generated checksum is compared to the one downloaded. If they match, this bit is set.
5
U Filter
If a user-defined filter is in use, this bit is set.
4
BYP F3
Bypass Filter 3. If Filter 3 is bypassed by setting the relevant bit in Control Register 1, this bit is also set.
3
BYP F1
Bypass Filter 1. If Filter 1 is bypassed by setting the relevant bit in Control Register 1, this bit is also set.
2-0
DEC2:0
Decimation Rate. These correspond to the bits set in Control Register 1.
.
NON BIT-MAPPED REGISTERS
Offset Register (Address 0x0003, Default Value 0x0000)
The Offset Register uses 2’s Complement notation and is scaled such that 0x7FFF (maximum positive value) and 0x8000 (maximum
negative value) correspond to an offset of +0.78125% and -0.78125% respectively. Offset correction is applied after any gain correction.
Using the default gain value of 1.25 and assuming a reference voltage of 4.096V, the offset correction range is approximately ±25mV.
Gain Register (Address 0x0004, Default Value 0xA000)
The Gain Register is scaled such that 0x8000 corresponds to a gain of 1.0. The default value of this register is 1.25 (0xA000). This gives a
full scale digital output when the input is at 80% of VREF. This ties in with the maximum analog input range of ±80% of VREF Pk-Pk.
Over Range Register (Address 0x0005, Default Value 0xCCCC)
The Over Range register value is compared with the output of the first decimation filter to obtain an overload indication with minimum
propagation delay. This is prior to any gain scaling or offset adjustment. The default value is 0xCCCC which corresponds to 80% of VREF
(the maximum permitted analog input voltage) Assuming VREF = 4.096V, the bit will then be set when the input voltage exceeds
approximately 6.55v pk-pk differential. Note that the over-range bit is also set immediately if the analog input voltage exceeds 100% of
VREF for more than 4 consecutive samples at the modulator rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com