Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7760BCP Datasheet(PDF) 22 Page - Analog Devices

Part # AD7760BCP
Description  2.5 MSPS, 20-Bit ADC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7760BCP Datasheet(HTML) 22 Page - Analog Devices

Back Button AD7760BCP Datasheet HTML 14Page - Analog Devices AD7760BCP Datasheet HTML 15Page - Analog Devices AD7760BCP Datasheet HTML 16Page - Analog Devices AD7760BCP Datasheet HTML 17Page - Analog Devices AD7760BCP Datasheet HTML 18Page - Analog Devices AD7760BCP Datasheet HTML 19Page - Analog Devices AD7760BCP Datasheet HTML 20Page - Analog Devices AD7760BCP Datasheet HTML 21Page - Analog Devices AD7760BCP Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
AD7760
Preliminary Technical Data
Rev. PrN | Page 22 of 22
OUTLINE DIMENSIONS
1
12
13
24
25
36
37
48
BOTTOM
VIEW
7.0 (0.276) BSC SQ
5.25 (0.207)
5.10 (0.201) SQ
4.95 (0.195)
0.60 (0.024)
0.42 (0.017)
0.24 (0.009)
0.50 (0.020)
0.40 (0.016)
0.30 (0.012)
PIN 1
INDICATOR
TOP
VIEW
6.75 (0.266)
BSC SQ
5.5 (0.217)
REF
0.25 (0.010)
MIN
0.60 (0.024)
0.42 (0.017)
0.24 (0.009)
0.70 (0.028) MAX
0.65 (0.026) NOM
0.05 (0.002)
0.01 (0.0004)
0.0 (0.0)
0.20 (0.008)
REF
0.50 (0.020)
BSC
12°MAX
0.90 (0.035) MAX
0.85 (0.033) NOM
0.30 (0.012)
0.23 (0.009)
0.18 (0.007)
Figure 21. 48-Lead Frame Chip Scale Package [LFCSP] (CP-48)—Dimensions shown in millimeters
1
16
17
33
32
48
49
64
12.0(0.47) BSC
10.0(0.39) BSC
0.50 (0.02)
BSC
0.22 ± 0.05
(0.0087 ± 0.002)
SEATING
PLANE
1.60 (0.063) MAX
0.60 ± 0.15
(0.024 ± 0.006)
12o
TYP
0o
3.5o ± 3.5o
0.15(0.006)
0.05(0.002)
TOP VIEW
6.0(0.235)
BSC
Figure 22. 64-Lead Thin Quad Flat Pack (Exposed Paddle) [TQFP] (SV-64)—Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD7760BCP
–40°C to +85°C
Lead Frame Chip Scale Package
CP-48
AD7760BSV
–40°C to +85°C
Thin Quad Flat Pack, Exposed Paddle
SV-64
© 2004 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
Printed in the U.S.A.
PR04975-0-6/04(PrN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com