Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8341 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8341
Description  1.5 GHz to 2.4 GHz RF Vector Modulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8341 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8341 Datasheet HTML 3Page - Analog Devices AD8341 Datasheet HTML 4Page - Analog Devices AD8341 Datasheet HTML 5Page - Analog Devices AD8341 Datasheet HTML 6Page - Analog Devices AD8341 Datasheet HTML 7Page - Analog Devices AD8341 Datasheet HTML 8Page - Analog Devices AD8341 Datasheet HTML 9Page - Analog Devices AD8341 Datasheet HTML 10Page - Analog Devices AD8341 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD8341
Rev. 0 | Page 7 of 20
GAIN SETPOINT
0
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
–147
–154
–153
–152
–151
–150
–149
–148
NO RF INPUT
RF PIN = –5dBm
RF PIN = 0dBm
RF PIN = +5dBm
Figure 9. Output Noise Floor vs. Gain Setpoint, Noise in dBm/Hz, No Carrier,
and With 1900 MHz Carrier (Measured at 20 MHz Offset)
Pin = −5, 0, and +5 dBm
FREQUENCY (MHz)
0
–28
–26
–24
–22
–20
–18
–16
–14
–12
–10
–8
–6
–4
–2
1500
1600
1700
1800
1900
2000
2100
2200
2300
2400
GAIN SETPOINT = 1.0
GAIN SETPOINT = 0.5
GAIN SETPOINT = 0.25
GAIN SETPOINT = 0.1
Figure 10. Gain vs. Frequency at Different Gain Setpoints,
Phase Setpoint = 0°
FREQUENCY (MHz)
1500
2400
2300
2200
2100
2000
1900
1800
1700
1600
–146
–154
–153
–152
–151
–150
–149
–148
–147
Figure 11. Output Noise Floor vs. Frequency, Maximum Gain,
No RF Carrier, Phase Setpoint = 0°
FREQUENCY (MHz)
1500
2400
2300
2200
2100
2000
1900
1800
1700
1600
0
–1
–2
–3
–4
–5
–6
–7
–8
–9
–10
–40
°C
+25
°C
+85
°C
Figure 12. Gain Magnitude vs. Frequency and Temperature,
Maximum Gain, Phase Setpoint = 0°
100
1000
900
800
700
600
500
400
300
200
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
DIFFERENTIAL BB LEVEL (mV p-p)
FUNDAMENTAL POWER, 1899MHz, 1900MHz
SECOND BASEBAND HARMONIC PRODUCT,
1898MHz, 1902MHz
THIRD BASEBAND HARMONIC PRODUCT,
1897MHz, 1903MHz
Figure 13. Baseband Harmonic Distortion (I and Q Channel,
RF Input = 0 dBm, Output Balun and Cable Losses of Approximately
2 dB Not Accounted for in Plot)
FREQUENCY (MHz)
1500
2400
2300
2200
2100
2000
1900
1800
1700
1600
12
0
2
4
6
8
10
–40
°C
+25
°C
+85
°C
Figure 14. Output 1 dB Compression Point vs. Frequency and
Temperature, Maximum Gain, Phase Setpoint = 0°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com