Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8341 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8341
Description  1.5 GHz to 2.4 GHz RF Vector Modulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8341 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8341 Datasheet HTML 12Page - Analog Devices AD8341 Datasheet HTML 13Page - Analog Devices AD8341 Datasheet HTML 14Page - Analog Devices AD8341 Datasheet HTML 15Page - Analog Devices AD8341 Datasheet HTML 16Page - Analog Devices AD8341 Datasheet HTML 17Page - Analog Devices AD8341 Datasheet HTML 18Page - Analog Devices AD8341 Datasheet HTML 19Page - Analog Devices AD8341 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD8341
Rev. 0 | Page 16 of 20
As the output power drops, the noise floor, measured in dBm in
1 MHz BW at 50 MHz carrier offset, drops slightly.
–30
–80
–75
–70
–65
–60
–55
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
5
OUTPUT POWER (dBm)
–50
–55
–60
–65
–70
–75
–80
–85
–90
–95
–100
ACPR 5MHz OFFSET
ACPR 10MHz OFFSET
NOISE –50MHz OFFSET
Figure 39. AD8341 ACPR and Noise vs. Output Power;
Single-Carrier WCDMA (Test Model 1-64 at 2140 MHz)
Figure 40 shows how output power, ACPR, and noise vary with
the differential I and Q control voltages. VBBI and VBBQ are tied
together and are varied from 0.5 V to 50 mV.
0
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
0.1
0.2
0.3
0.4
0.5
IQ CONTROL VOLTAGE
–40
–45
–50
–55
–60
–65
–70
–75
–80
–85
–90
OUTPUT POWER dBm
ACPR 10MHz OFFSET
NOISE –50MHz OFFSET
ACPR 5MHz OFFSET
Figure 40. AD8341 Output Power, ACPR and Noise vs. VIQ.
Single-Carrier WCDMA (Test Model 1-64 at 2140 MHz)
In this case, adjacent channel power ratio remains constant as
the (noise dominated) alternate channel power degrades
roughly 1-for-1 with output power. As the I and Q control volt-
age drops, the noise floor again drops slowly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com