Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2DF Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # S2DF
Description  Surface Mount Silicon Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

S2DF Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  S2DF Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited S2DF Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited S2DF Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited S2DF Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Surface Mount Silicon Rectifiers
S2DF--S2MF
SMF004AA
www.gmesemi.com
Rev.B
Production specification
Features
For surface mounted applications
Low profile package
Low forward voltage drop
High surge current capability
RoHS Compliant
Mechanical Data
Case: SMAF molded plastic
Molding compound, UL flammability classification rating 94V-0
Terminals: Solder plated, solderable per MIL- STD-202,Method 208
Polarity: Color band denotes cathode end
Maximum Ratings (@TA = 25°C unless otherwise specified)
Characteristic
Symbol
S2DF
S2GF
S2JF
S2KF
S2MF
Units
Peak repetitive reverse voltage
VRRM
200
400
600
800
1000
V
RMS reverse voltage
VRMS
140
280
420
560
700
V
DC blocking voltage
VDC
200
400
600
800
1000
V
Maximum average forward output current
IF(AV)
2.0
A
Peak forward surge current,
8.3ms single half-sine-wave
@TJ= 25°C
IFSM
50
A
Thermal Characteristics
Note:
1. Device mounted on PCB with 10 mm x 20 mm x 0.1mm copper pad areas
Parameter
Symbol
S2DF
S2GF
S2JF
S2KF
S2MF
Units
Typical thermal resistance
(Note 1)
R ΘJA
R ΘJC
R ΘJL
78
°C /W
18
20
Operating junction temperature range
TJ
- 55 ---- + 150
°C
Storage temperature range
TSTG
- 55 ---- + 150
°C


Similar Part No. - S2DF

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
S2DF KEXIN-S2DF Datasheet
1Mb / 3P
Rectifier Diodes
logo
Microdiode Semiconducto...
S2DF CHENDA-S2DF Datasheet
626Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
S2DF YFWDIODE-S2DF Datasheet
116Kb / 3P
Surface MountGeneral Purpose Silicon Rectifiers
logo
Guangdong Juxing Electr...
S2DF JUXING-S2DF Datasheet
843Kb / 3P
Surface Mount Standard Rectifiers
logo
DONGGUAN YOU FENG WEI E...
S2DF YFWDIODE-S2DF Datasheet
417Kb / 3P
Surface Mount General Purpose Silicon Rectifiers
More results

Similar Description - S2DF

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
S3A WEITRON-S3A Datasheet
185Kb / 3P
Surface Mount Silicon Rectifiers
logo
SEMTECH ELECTRONICS LTD...
LM4001 SEMTECH_ELEC-LM4001 Datasheet
280Kb / 2P
SURFACE MOUNT SILICON RECTIFIERS
LL4001 SEMTECH_ELEC-LL4001 Datasheet
205Kb / 2P
SURFACE MOUNT SILICON RECTIFIERS
logo
Frontier Electronics.
S07A-LFR FRONTIER-S07A-LFR Datasheet
120Kb / 2P
SURFACE MOUNT SILICON RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM4001A SECOS-SM4001A_15 Datasheet
379Kb / 2P
1.0Amp Surface Mount Silicon Rectifiers
logo
Central Semiconductor C...
CMSH1-40HE CENTRAL-CMSH1-40HE_15 Datasheet
301Kb / 3P
SURFACE MOUNT SILICON SCHOTTKY RECTIFIERS
CMSH3-20 CENTRAL-CMSH3-20_15 Datasheet
338Kb / 2P
SURFACE MOUNT SILICON SCHOTTKY RECTIFIERS
CMSH5-100HV CENTRAL-CMSH5-100HV_15 Datasheet
453Kb / 2P
SURFACE MOUNT SILICON SCHOTTKY RECTIFIERS
CS223-2M CENTRAL-CS223-2M Datasheet
285Kb / 3P
SURFACE MOUNT SILICON CONTROLLED RECTIFIERS
logo
MIC GROUP RECTIFIERS
G2AF MIC-G2AF Datasheet
85Kb / 3P
SURFACE MOUNT SILICON RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com