Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB1073-R Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 2SB1073-R
Description  Silicon PNP epitaxial planer Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2SB1073-R Datasheet(HTML) 1 Page - Micro Commercial Components

  2SB1073-R Datasheet HTML 1Page - Micro Commercial Components 2SB1073-R Datasheet HTML 2Page - Micro Commercial Components 2SB1073-R Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2SB1073-Q
Silicon
PNP epitaxial planer
Transistors
Features
•
Low collector to emitter saturation voltage VCE(sat)
•
Large peak collector current ICP
•
Mini power type package
Maximum Ratings @ 25OC Unless Otherwise Specified
Symbol
Rating
Rating
Unit
VCEO
Collector-Emitter Voltage
-20
V
VCBO
Collector-Base Voltage
-30
V
VEBO
Emitter-Base Voltage
-7
V
ICP
Peak Collector Current
-7
A
IC
Collector Current
-4
A
PC
Collector Dissipation
1
W
TJ
Operating Junction Temperature
150
TSTG
Storage Temperature
-55 to +150
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol
Parameter
Min
Typ
Max
Units
V(BR)CEO
Collector-Emitter Breakdown Voltage
(IC=-1mAdc, IB=0)
-20
---
---
Vdc
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=-10uAdc, IE=0)
-30
---
---
Vdc
V(BR)EBO
Collector-Emitter Breakdown Voltage
(IE=-10uAdc, IC=0)
-7
---
---
Vdc
ICBO
Collector Cutoff Current
(VCB=-30Vdc, IE=0Vdc)
---
---
-100
nAdc
IEBO
Emitter Cutoff Current
(VEB=-7Vdc, IC=0Vdc)
---
---
-100
nAdc
hFE
DC Current Gain (note 1)
(IC=-2Adc, VCE=-2Vdc) (note 2)
120
---
315
---
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=-3Adc, IB=-0.1Adc) (note 2)
---
-0.6
-1
Vdc
fT
Current Gain-Bandwidth Product
(VCB=-6Vdc, IE=-50mAdc, f=200MHz)
---
120
---
MHz
Cob
Output Capacitance
(VCB=-20Vdc, f=1.0MHz, IE=0)
---
40
---
pF
Note: 1. hFE Rank Classification
Rank
Q
R
hFE
120~205
180~315
Marking Symbol
IQ
IR
2. Pulse measurement
Revision: B
2013/01/01





 

 
 
















25











































SOT-89
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
1.BASE
2.COLLECTOR
3.EMITTER
TM
Micro Commercial Components
www.mccsemi.com
1 of 3
B
A
E
D
G
H
F
K
J
C
1
2
3
2SB1073-R
•
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisure Sensitivity Level 1
Halogen free available upon request by adding suffix "-HF"
•


Similar Part No. - 2SB1073-R

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
2SB1073-R MCC-2SB1073-R Datasheet
205Kb / 3P
Silicon PNP epitaxial planer Transistors
logo
Guangdong Kexin Industr...
2SB1073-R KEXIN-2SB1073-R Datasheet
744Kb / 2P
PNP Transistors
2SB1073-R-HF KEXIN-2SB1073-R-HF Datasheet
891Kb / 2P
PNP Transistors
More results

Similar Description - 2SB1073-R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB642 PANASONIC-2SB642 Datasheet
50Kb / 3P
Silicon PNP epitaxial planer type(Silicon PNP epitaxial planer type)
2SB790 PANASONIC-2SB790 Datasheet
37Kb / 2P
Silicon PNP epitaxial planer type(Silicon PNP epitaxial planer type)
XP1601 PANASONIC-XP1601 Datasheet
56Kb / 5P
Silicon PNP(PNP) epitaxial planer transistor
XN04322 PANASONIC-XN04322 Datasheet
115Kb / 5P
Composite Transistors Silicon NPN epitaxial planer transistor (Tr1) Silicon PNP epitaxial planer transistor (Tr2)
logo
Micro Commercial Compon...
2SB1073-Q MCC-2SB1073-Q Datasheet
205Kb / 3P
Silicon PNP epitaxial planer Transistors
MJD32C MCC-MJD32C Datasheet
590Kb / 4P
Silicon PNP epitaxial planer Transistors
MJD127 MCC-MJD127 Datasheet
357Kb / 3P
Silicon PNP epitaxial planer Transistors
BSR33 MCC-BSR33 Datasheet
287Kb / 2P
Silicon PNP epitaxial planer Transistors
MJD42C MCC-MJD42C Datasheet
372Kb / 2P
Silicon PNP epitaxial planer Transistors
MJD127 MCC-MJD127_13 Datasheet
373Kb / 3P
Silicon PNP epitaxial planer Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com