Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB1132-R Datasheet(PDF) 2 Page - Micro Commercial Components

Part # 2SB1132-R
Description  PNP Plastic-Encapsulate Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2SB1132-R Datasheet(HTML) 2 Page - Micro Commercial Components

  2SB1132-R Datasheet HTML 1Page - Micro Commercial Components 2SB1132-R Datasheet HTML 2Page - Micro Commercial Components 2SB1132-R Datasheet HTML 3Page - Micro Commercial Components 2SB1132-R Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Revision: C
2017/11/24
www.mccsemi.com
2 of 4
-1
-10
-100
-1000
-500
-750
-1000
-1
-10
-100
-1000
-10
-100
-1
-10
-100
-1000
10
100
1000
-0
-4
-8
-12
-16
-20
-0
-200
-400
-600
-800
-1000
I
C
h
FE
——
β=10
T
a=100
℃
T
a=25
℃
I
C
V
BEsat
——
COLLECTOR CURRENT I
C
(mA)
β=10
T
a=100
℃
T
a=25
℃
I
C
V
CEsat
——
COLLECTOR CURRENT I
C
(mA)
-400
T
a=100
℃
T
a=25
℃
COMMON EMITTER
V
CE=-3V
COLLECTOR CURRENT I
C
(mA)
COMMON
EMITTER
T
a=25
℃
V
CE
I
C
——
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
-5mA
-4.5mA
-4mA
-3.5mA
-3mA
-2.5mA
-2mA
-1.5mA
-1mA
I
B=-0.5mA
Typical Characteristics
-1
-10
-100
10
100
-0
-300
-600
-900
-1200
-1
-10
-100
-1000
I
C
f
T
——
COMMON EMITTER
V
CE=-5V
T
a=25
℃
COLLECTOR CURRENT I
C
(mA)
300
BASE-EMMITER VOLTAGE V
BE (mV)
COMMON EMITTER
V
CE=-6V
V
BE
I
C
——
Micro Commercial Components
M C C
R



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com