Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB1132-R Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 2SB1132-R
Description  PNP Plastic-Encapsulate Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2SB1132-R Datasheet(HTML) 1 Page - Micro Commercial Components

  2SB1132-R Datasheet HTML 1Page - Micro Commercial Components 2SB1132-R Datasheet HTML 2Page - Micro Commercial Components 2SB1132-R Datasheet HTML 3Page - Micro Commercial Components 2SB1132-R Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SB1132-P
PNP
Plastic-Encapsulate
Transistors
Features
Electrical Characteristics @ 25
Unless Otherwise Specified
Symbol
Parameter
Min
Typ
Max
Unit
VCEO
Collector-Emitter
Voltage (IC=-
1mA, IB=0)
-32
---
---
V
VCBO
Collector-Base Voltage
(IC=
-50µA, IE=0)
-40
---
---
V
VEBO
Emitter-Base Voltage
(IE=-50
µA, IC=0)
-5.0
---
---
V
ICBO
Collector cut-off Current
(VCB=-20V, IE=0)
---
---
-0.5
­A
IEBO
Emitter cut-off Current
(VEB=-
4V, I
C=0)
---
---
-0.5
­A
hFE
DC current gain
(VCE=-
3V, I
C=-0.1A)
82
---
390
---
VCE(sat)
Collector-Emitter Saturation
Voltage (IC=-
0.5A, I
B=-
50mA)
---
-0.2
-0.5
V
fT
Transition Frequency
(VCE=
-5V, I
C=
-50mA,f=30MHz)
---
150
---
MHz
Cob
Collector output capacitance
(VCB=-10V, IE=0, f=1MHz)
---
20
30
CLASSIFICATION OF hFE
Rank
P
Q
R
Range
82-180
120-270
180-390
Marking
BAP
BAQ
BAR




 

 
 
















25











































SOT-89
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
Revision: C
2017/11/24
1.BASE
2.COLLECTOR
3.EMITTER

www.mccsemi.com
1 of
4
B
A
E
D
G
H
F
K
J
C

1
2
3
2SB1132-Q
2SB1132-R
•
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisure Sensitivity Level 1
Halogen free available upon request by adding suffix "-HF"
•
Micro Commercial Components
M C C
R
pF
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
-40
V
VCEO
Collector-Emitter Voltage
-32
V
VEBO
Emitter-Base Voltage
-5
V
IC
Continuous Collector Current
-1
A
PC
Collector Power Dissipation
500
mW
Junction and Storage Temperature
℃
ICP
Pulsed Collector Current
(
Single pulse, PW=100ms)
-2
A
Maximum Ratings
Tj,Tstg
-55
~150


Similar Part No. - 2SB1132-R

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
2SB1132-R MCC-2SB1132-R Datasheet
193Kb / 2P
PNP Plastic-Encapsulate Transistors
logo
DONGGUAN YOU FENG WEI E...
2SB1132-R YFWDIODE-2SB1132-R Datasheet
798Kb / 4P
PNP Transistors
logo
Unisonic Technologies
2SB1132-R-AB3-R UTC-2SB1132-R-AB3-R Datasheet
59Kb / 4P
MEDIUM POWER TRANSISTOR
2SB1132-R-AB3-T UTC-2SB1132-R-AB3-T Datasheet
59Kb / 4P
MEDIUM POWER TRANSISTOR
2SB1132-R-TN3-R UTC-2SB1132-R-TN3-R Datasheet
59Kb / 4P
MEDIUM POWER TRANSISTOR
More results

Similar Description - 2SB1132-R

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MMDT3906V MCC-MMDT3906V_11 Datasheet
235Kb / 4P
PNP Plastic-Encapsulate Transistors
BC856BM MCC-BC856BM Datasheet
523Kb / 4P
PNP Plastic-Encapsulate Transistors
BCP69-16 MCC-BCP69-16 Datasheet
460Kb / 3P
PNP Plastic-Encapsulate Transistors
MC818B MCC-MC818B Datasheet
514Kb / 4P
PNP Plastic-Encapsulate Transistors
2SB1151-O MCC-2SB1151-O Datasheet
305Kb / 2P
PNP Plastic-Encapsulate Transistors
logo
TECH PUBLIC Electronics...
MMDT2907A TECHPUBLIC-MMDT2907A Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
MMDT5401 TECHPUBLIC-MMDT5401 Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
TPMMDT2907A TECHPUBLIC-TPMMDT2907A Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
TPMMDT3906 TECHPUBLIC-TPMMDT3906 Datasheet
7Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
TPMMDT5401 TECHPUBLIC-TPMMDT5401 Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com