Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1202 Datasheet(PDF) 2 Page - Anachip Corp

Part # AP1202
Description  Dual USB High-Side Power Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1202 Datasheet(HTML) 2 Page - Anachip Corp

  AP1202 Datasheet HTML 1Page - Anachip Corp AP1202 Datasheet HTML 2Page - Anachip Corp AP1202 Datasheet HTML 3Page - Anachip Corp AP1202 Datasheet HTML 4Page - Anachip Corp AP1202 Datasheet HTML 5Page - Anachip Corp AP1202 Datasheet HTML 6Page - Anachip Corp AP1202 Datasheet HTML 7Page - Anachip Corp AP1202 Datasheet HTML 8Page - Anachip Corp AP1202 Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
AP1202
Dual USB High-Side Power Switch
Anachip Corp.
www.anachip.com.tw
Rev 0.4 Feb.10, 2004
2/11
Ordering Information
AP 12 0X X X X
Power Switch
Enable
Packing
Blank : Tube
A: Taping
Package
2
H: Active-High
L: Active-Low
S:SOP-8
N:PDIP-8L
Lead Free
Blank : Normal
L : Lead Free Package
Block Diagram
Charge
Pump
Thermal
Shutdown
Charge
Pump
Driver
Current
Limit
UVLO
Current
Limit
Driver
CS
CS
OUT1
IN
OUT2
FLG1
EN1
EN2
FLG2
Absolute Maximum Ratings (Note 1)
Symbol
Parameter
Rating
Unit
VIN
Supply Voltage
+7
V
VFLG
Fault Flag Voltage
+7
V
IFLG
Fault Flag Current
50
mA
VOUT
Output Voltage
+7
V
VEN
Control Input Range
–0.3 to VIN +2
V
TST
Storage Temperature
-65 to +150
oC
TLEAD
Lead Temperature
260
oC
ESD Rating
Note 3
4
KV



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com