Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1202 Datasheet (PDF) - Anachip Corp

AP1202 Datasheet PDF - Anachip Corp
Part # AP1202
Download  AP1202 Download
File Size   765.78 Kbytes
Page   11 Pages
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp
Description Dual USB High-Side Power Switch

AP1202 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP1202 Datasheet PDF - Anachip Corp

Part # AP1202
Download  AP1202 Click to download

File Size   765.78 Kbytes
Page   11 Pages
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp
Description Dual USB High-Side Power Switch

AP1202 Datasheet (HTML) - Anachip Corp


AP1202 Product details

General Description
The AP1202 series are dual integrated high-side power switch with independent enable and flag functions, optimized for self-powered and bus-powered Universal Serial Bus (USB) applications. The AP1202 series support the following USB requirements: each switch channel supplies up to 500mA as required by USB downstream devices; the switch’s low on-resistance meets USB voltage drop requirements; fault current is limited to typically 650mA, well below the UL 25VA safety requirements; and a flag output is available to indicate fault conditions to the local USB controller. Soft start eliminates the momentary voltage drop on the upstream port that may occur when the switch is enabled in bus-powered applications.

Features
- Compliant to USB specifications
- Dual independent switches control
- 2.7V to 5.5V input voltage
- 500mA minimum continuous current per port
- 110mΩ typical on-resistance
- 0.75A maximum short circuit current limit
- Independent open-drain fault flag pins
- 110μ A typical on-state supply current
- 1μ A typical off-state supply current
- Output can be forced higher than input (off-state)
- Thermal shutdown
- 2.4V typical under voltage lockout (UVLO)
- 1ms turn-on (soft-start) and fast turn-off
- Enable active-high (H) or active-low (L)
- 8-pin SOP and PDIP packages

Applications
• USB hubs
• Hot plug-in power supplies
• Battery-charger circuits




Similar Part No. - AP1202

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP1203AGMT-HF A-POWER-AP1203AGMT-HF Datasheet
159Kb / 5P
Simple Drive Requirement, RoHS Compliant
AP1203GMA A-POWER-AP1203GMA Datasheet
60Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
List of Unclassifed Man...
AP1206-1 ETC-AP1206-1 Datasheet
1Mb / 36P
Bobbintron Electrical Corporation
logo
Teledyne Technologies I...
AP1207 TELEDYNE-AP1207 Datasheet
167Kb / 2P
10 TO 1200 MHz SMTO-8 CASCADABLE AMPLIFIER
logo
List of Unclassifed Man...
AP1209-1 ETC-AP1209-1 Datasheet
1Mb / 36P
Bobbintron Electrical Corporation
More results


Similar Description - AP1202

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1526 AIC-AIC1526 Datasheet
245Kb / 8P
Dual USB High-Side Power Switch
logo
Anachip Corp
AP1212 ANACHIP-AP1212 Datasheet
246Kb / 11P
Dual USB High-Side Power Switch
Rev. 1.0 Sep.23, 2004
logo
Sipex Corporation
SP2526A SIPEX-SP2526A Datasheet
91Kb / 10P
Dual USB High-Side Power Switch
logo
Diodes Incorporated
AP1212 DIODES-AP1212 Datasheet
282Kb / 12P
DUAL USB HIGH-SIDE POWER SWITCH
AP1212 Rev. 2
logo
Unisonic Technologies
US2076 UTC-US2076 Datasheet
247Kb / 8P
DUAL USB HIGH-SIDE POWER SWITCH
US2076A UTC-US2076A Datasheet
265Kb / 8P
DUAL USB HIGH-SIDE POWER SWITCH
US2076B UTC-US2076B Datasheet
224Kb / 8P
DUAL USB HIGH-SIDE POWER SWITCHDUAL USB HIGH-SIDE POWER SWITCH
US3376 UTC-US3376_15 Datasheet
236Kb / 7P
DUAL USB HIGH-SIDE POWER SWITCH
logo
Analog Intergrations Co...
AIC1517 AIC-AIC1517 Datasheet
187Kb / 11P
Dual USB High-Side Power Switch
logo
Unisonic Technologies
US3076 UTC-US3076_15 Datasheet
236Kb / 7P
DUAL USB HIGH-SIDE POWER SWITCH
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com