Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UML2N Datasheet(PDF) 2 Page - Micro Commercial Components

Part # UML2N
Description  ISOLATED TRANSISTOR AND DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

UML2N Datasheet(HTML) 2 Page - Micro Commercial Components

  UML2N Datasheet HTML 1Page - Micro Commercial Components UML2N Datasheet HTML 2Page - Micro Commercial Components UML2N Datasheet HTML 3Page - Micro Commercial Components UML2N Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MCC
UML2N
www.mccsemi.com
Revision:
B
20
13/01/01
TM
Micro Commercial Components
2 of 4
TR ELECTRICAL CHARACTERISTICS (Ta=25
unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=50 A,IE=0
60
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=1mA,IB=0
50
V
Emitter-base breakdown voltage
V(BR)EBO
IE=50 A,IC=0
6
V
Collector cut-off current
ICBO
VCB=60V,IE=0
0.1
A
Emitter cut-off current
IEBO
VEB=5V,IC=0
0.1
A
DC current gain
hFE
VCE=6V,IC=1mA
120
560
Collector-emitter saturation voltage
VCE(sat)
IC=50mA,IB=5mA
0.4
V
Transition frequency
fT
VCE=12V,IC=2mA,f=100MHz
180
MHz
Collector output capacitance
Cob
VCB=12V,IE=0,f=1MHz
3.5
pF
DIO Electrical Ratings @TA=25
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Forward voltage
VF
1.2
V
IF=100mA
Reverse current
IR
0.1
A
VR=70V
Capacitance between terminals
CT
3.5
pF
VR=6V,f=1MHz
Reverse Recovery Time
trr
4
ns
VR=6V,
IF=5mA,RL=50



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com