Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UML2N Datasheet(PDF) 1 Page - Micro Commercial Components

Part # UML2N
Description  ISOLATED TRANSISTOR AND DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

UML2N Datasheet(HTML) 1 Page - Micro Commercial Components

  UML2N Datasheet HTML 1Page - Micro Commercial Components UML2N Datasheet HTML 2Page - Micro Commercial Components UML2N Datasheet HTML 3Page - Micro Commercial Components UML2N Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UML2N
ISOLATED
TRANSISTOR AND DIODES
Features
•
2SC5585 and RB521S-30 are housed independently
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
www.mccsemi.com
TR MAXIMUM RATINGS (TA=25
unless otherwise noted)
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
60
V
VCEO
Collector-Emitter Voltage
50
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current -Continuous
150
mA
PC
Collector Power Dissipation
150
mW
TJ
Junction Temperature
150
Tstg
Storage Temperature
-55 to150
DIO Electrical Characteristics, Single Diode @TA=25
Parameter
Symbol
Typ
Unit
DC reverse voltage
VR
80
V
Peak Reverse Voltage
VRM
80
V
Forward Continuous Current
IFM
300
mA
Average Rectified Output Current
IO
100
mA
Surge current
ISURGE
4A
Junction temperature
Tj
150
Storage temperature
TSTG
-55~+150
MARKING:L2
D
E1
E
e
e1
A1
A2
C
b
L1
L
SOT-353
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A1
---
.004
---
0.100
A2
.035
.039
0.900
1.000
b
.006
.014
0.150
0.350
c
.003
.006
0.080
0.150
D
0.79
.087
2.000
2.200
E
.045
.053
1.150
1.350
E1
.085
.096
2.150
2.450
e
.026TYP
0.650TYP
e1
.047
.055
1.200
1.400
L
.021REF
0.525REF
L1
.010
.018
0.260
0.460
Revision:
B
20
13/01/01
1 of 4
(3)
Tr
Di
(2)
(1)
(4)
(5)
1
2
3
4
5
MCC
TM
Micro Commercial Components
•
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisure Sensitivity Level 1
Halogen free available upon request by adding suffix "-HF"
•


Similar Part No. - UML2N

ManufacturerPart #DatasheetDescription
logo
Rohm
UML2N ROHM-UML2N Datasheet
26Kb / 1P
Low-frequency transistor (isolated transistor and diode)
logo
Micro Commercial Compon...
UML2N MCC-UML2N Datasheet
301Kb / 4P
ISOLATED TRANSISTOR AND DIODES
logo
Shenzhen Jin Yu Semicon...
UML2N HTSEMI-UML2N Datasheet
1Mb / 2P
Isolated transistor an d diodes
logo
Rohm
UML2N ROHM-UML2N Datasheet
75Kb / 5P
Low-frequency transistor (isolated transistor and diode)
logo
Jiangsu Changjiang Elec...
UML2N JIANGSU-UML2N Datasheet
704Kb / 4P
Isolated Transistor and Diode
More results

Similar Description - UML2N

ManufacturerPart #DatasheetDescription
logo
Rohm
EML20 ROHM-EML20 Datasheet
124Kb / 4P
General purpose transistor (isolated transistor and diode)
QSL10 ROHM-QSL10 Datasheet
80Kb / 5P
General purpose transistor (isolated transistor and diode)
FML9 ROHM-FML9_1 Datasheet
88Kb / 5P
General purpose transistor (isolated transistor and diode)
QSZ4 ROHM-QSZ4_1 Datasheet
127Kb / 5P
General purpose transistor (isolated transistor and diode)
logo
Micro Commercial Compon...
UML2N MCC-UML2N Datasheet
301Kb / 4P
ISOLATED TRANSISTOR AND DIODES
UML6N MCC-UML6N Datasheet
484Kb / 4P
ISOLATED TRANSISTOR AND DIODES
logo
Shenzhen Jin Yu Semicon...
UML2N HTSEMI-UML2N Datasheet
1Mb / 2P
Isolated transistor an d diodes
logo
Jiangsu Changjiang Elec...
UML6N JIANGSU-UML6N Datasheet
214Kb / 4P
Isolated Transistor and Diode
UML2N JIANGSU-UML2N Datasheet
704Kb / 4P
Isolated Transistor and Diode
logo
Micro Commercial Compon...
UML6N MCC-UML6N_13 Datasheet
517Kb / 4P
ISOLATED TRANSISTOR AND DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com