Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPL Datasheet(PDF) 2 Page - Yellow Stone Corp

Part # GPL
Description  Compliant to the RoHS directive
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YSTONE [Yellow Stone Corp]
Direct Link  http://www.ystone.com.tw
Logo YSTONE - Yellow Stone Corp

GPL Datasheet(HTML) 2 Page - Yellow Stone Corp

  GPL Datasheet HTML 1Page - Yellow Stone Corp GPL Datasheet HTML 2Page - Yellow Stone Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rated
voltage
(V.DC)
Rated
Capacitance
(
F)
Case Size
D x L (mm)
tan
Leakage
Current
(
A)
ESR
(m
 max./ 20C
100KHz to 300KHz)
Rated ripple current
(mArms,100 KHz)
Part Number
Tx
 105C
105
C<Tx125C
16V
330
8 x 8
0.12
1,056
15
4,300
1,720
GPL-330M16V0808
470
8 x 8
0.12
1,504
15
4,300
1,720
GPL-470M16V0808
470
8 x 12
0.12
1,504
13
4,650
1,860
GPL-470M16V0812
820
8 x 12
0.12
2,624
13
4,650
1,860
GPL-820M16V0812
820
10 x 12
0.12
2,624
12
5,600
2,240
GPL-820M16V1012
1,000
10 x 12
0.12
3,200
12
5,600
2,240
GPL-1000M16V1012
1,200
10 x 12
0.12
3,840
12
5,600
2,240
GPL-1200M16V1012
1,500
10 x 12
0.12
4,800
12
5,600
2,240
GPL-1500M16V1012
25V
100
8 x 8
0.12
500
24
2,900
1,160
GPL-100M25V0808
150
8 x 8
0.12
750
24
2,900
1,160
GPL-150M25V0808
220
8 x 12
0.12
1,100
18
4,250
1,700
330
8 x 12
0.12
1,650
18
4,250
1,700
GPL-220M25V0812
470
8 x 12
0.12
2,350
18
4,250
1,700
GPL-470M25V0812
470
10 x 12
0.12
2,350
16
4,700
1,880
GPL-470M25V1012
560
10 x 12
0.12
2,800
16
4,700
1,880
GPL-560M25V1012
680
10 x 12
0.12
3,400
16
4,700
1,880
GPL-680M25V1012
35V
47
8 x 8
0.12
329
30
2,600
1,040
GPL-47M35V0808
68
8 x 8
0.12
476
30
2,600
1,040
GPL-68M35V0808
100
8 x 12
0.12
700
26
2,950
1,180
150
8 x 12
0.12
1,050
26
2,950
1,180
180
8 x 12
0.12
1,260
26
2,950
1,180
220
8 x 12
0.12
1,540
26
2,950
1,180
220
10 x 12
0.12
1,540
24
3,400
1,360
GPL-220M35V1012
330
10 x 12
0.12
2,310
24
3,400
1,360
390
10 x 12
0.12
2,730
24
3,400
1,360
50V
47
8 x 12
0.12
470
32
2,250
900
68
8 x 12
0.12
680
32
2,250
900
82
8 x 12
0.12
820
32
2,250
900
120
8 x 12
0.12
1,200
32
2,250
900
120
10 x 12
0.12
1,200
28
2,620
1,040
180
10 x 12
0.12
1,800
28
2,620
1,040
220
10 x 12
0.12
2,200
28
2,620
1,040
63V
82
8 x 12
0.12
1,033
32
2,100
840
100
8 x 12
0.12
1,260
32
2,100
840
150
10 x 12
0.12
1,890
28
2,550
1,020
180
10 x 12
0.12
2,268
28
2,550
1,020
100V
15
8 x 12
0.12
300
40
1,850
740
22
8 x 12
0.12
440
40
1,850
740
33
10 x 12
0.12
660
38
2,100
840
47
10 x 12
0.12
940
38
2,100
840
160V
4.7
8 x 12
0.12
150
130
720
280
6.8
8 x 12
0.12
217
130
720
280
12
10 x 12
0.12
384
130
960
380
GPL-330M25V0812
GPL-150M35V0812
GPL-100M35V0812
GPL-180M35V0812
GPL-220M35V0812
GPL-330M35V1012
GPL-390M35V1012
GPL-47M50V0812
GPL-68M50V0812
GPL-82M50V0812
GPL-120M50V0812
GPL-120M50V1012
GPL-180M50V1012
GPL-220M50V1012
GPL-82M63V0812
GPL-100M63V0812
GPL-150M63V1012
GPL-180M63V1012
GPL-22M100V0812
GPL-15M100V0812
GPL-33M100V1012
GPL-47M100V1012
GPL-4.7M160V0812
GPL-6.8M160V0812
GPL-12M160V1012
Dimensions & Characteristics
GPL series
0
0
0000000000000000000000000000000000000000000000000000000
00000000000000
0
0
0
0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com